Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFMP1365 Datasheet(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # HFMP1365
Description  Flat wire Inductor-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

HFMP1365 Datasheet(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

  HFMP1365 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. HFMP1365 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. HFMP1365 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
Flat wire Inductor-RoHS
Your Perfect Inductor
www.fengjui.com.tw
Rev.1501
Note1. Measurement frequency of Inductance value : at 100KHz
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 30%(typ) from its value without current
Note4. Irms: Average current for 50℃ temperature rise from 25℃ ambient(typical)
Note5. Inductance tolerance: M: ±20%
Note6. Packaging: Taping ; Quantity: 500 pieces/reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com