Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL160808-R15K Datasheet(PDF) 6 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # FL160808-R15K
Description  EMI SOLOTION PRODUCTS-RoHS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

FL160808-R15K Datasheet(HTML) 6 Page - FENGJUI TECHNOLOGY CO., LTD.

  FL160808-R15K Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R15K Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R15K Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R15K Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R15K Datasheet HTML 5Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R15K Datasheet HTML 6Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R15K Datasheet HTML 7Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FENG-JUI TECHNOLOGY CO., LTD EMI SOLOTION PRODUCTS-RoHS
Your Perfect Inductor
Ver. 1502
4.2 HUMIDITY RESISTANCE
a. Performance specification
1. Appearance:no mechanical damage
2. Impedance shall be with ±30﹪ of the initial value
b. Test condition
1. Humidity:90 to 95﹪RH
2. Temperature:40±2℃
3. Applied current:Rated current (maximum value)
4. Testing tine:1008±12hours
5. Measurement:After placing at room ambient temperature for 24 hours minimum
4.3 TEMPERATURE CYCLE
a. Performance specification
1. Appearance:no mechanical damage
2. Impedance shall be with ±30﹪of the initial value
b. Test condition
1. Temperature -55℃,+125℃ kept stabilized for 30 minutes each
2. Cycle:100 cycles
3. Measurement:After placing for 24hours minimum at room ambient temperature
4. step1. -55℃ temp±3℃
30±3 minutes
step2. Room temperature 2to5 minutes
step3. +125℃ temp±2℃
30±3 minutes
step4. room temperature 2to5 minutes
4.4 LOW TEMPERATURE STORAGE LIFE TEST
a. Performance specification
1. Appearance:no mechanical damage
2. Impedance shall be with ±30﹪of the initial value
b. Test condition
1.Temperature -55℃±2℃
2.Testing time:1008±12hours
3.Measurement:After placing for 24 hours minimum at room ambient temperature
5. STORAGE
5.1 The solderability of the external electrode may be deteriorated if packages are stored where they
are exposed to high humidity. Packages must be stored at 40℃ or less and 70﹪RH or less.
5.2 The solderability of the external electrode may be deteriorated if packages are stored where they
are exposed to dust or harmful gas (hydrogen chloride,sulfurous acid gas or hydrogen sulfide).
5.3 Packaging material may be deformed if packages are stored where they are exposed to heat or
direct
sun-light.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com