Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL160808-R18K Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # FL160808-R18K
Description  EMI SOLOTION PRODUCTS-RoHS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

FL160808-R18K Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  FL160808-R18K Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R18K Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R18K Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R18K Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R18K Datasheet HTML 5Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R18K Datasheet HTML 6Page - FENGJUI TECHNOLOGY CO., LTD. FL160808-R18K Datasheet HTML 7Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FENG-JUI TECHNOLOGY CO., LTD EMI SOLOTION PRODUCTS-RoHS
Your Perfect Inductor
Ver. 1502
Multilayer Ferrite Chip Inductor (FL SERIES)
●FEATURE
1.
Monolithic structure for high reliability
2.
Dimensions are unified for automatic mounting
3. Closed magnetic circuit avoids crosstalk and is suitable for high density printed circuit boards
●Applications
1.
Personal or notebook computers and peripheral equipment
2.
Other various electronic appliances
●Shape and Dimension
●Specification
Dimension in m/m(in inches)
TYPE
A
B
C
D
160808(0603)
1.6
0.20(0.0630.008)
0.80
0.20(0.0310.008)
0.8
0.20(0.0310.008)
0.5
0.30
201209(0805)
2.0
0.20(0.0790.008)
1.25
0.20(0.0490.008)
0.9
0.20(0.0350.008)
0.5
0.30
201212(0805)
2.0
0.20(0.0790.008)
1.25
0.20(0.0490.008)
1.2
0.20(0.0490.008)
0.5
0.30
Note1: Test equipment: HP 4291A Impedance analyzer
Note2: Inductance tolerance: K: ±10%; M: ±20%
B
A
C
D
Ferrite
TERMINAL ELECTRODE


Similar Part No. - FL160808-R18K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FL160808-R18K FRONTIER-FL160808-R18K Datasheet
35Kb / 1P
Multi-layers Chip Inductors
More results

Similar Description - FL160808-R18K

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
FB100505U100 FENGJUI-FB100505U100 Datasheet
64Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
CI100505-1N0S FENGJUI-CI100505-1N0S Datasheet
227Kb / 7P
EMI SOLOTION PRODUCTS-RoHS
CM0502FB FENGJUI-CM0502FB Datasheet
382Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
CM7060F FENGJUI-CM7060F Datasheet
254Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P1210D FENGJUI-F4P1210D Datasheet
334Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P2012 FENGJUI-F4P2012 Datasheet
217Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P2012H FENGJUI-F4P2012H Datasheet
299Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
F4P3225VT FENGJUI-F4P3225VT Datasheet
158Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
F4P4532 FENGJUI-F4P4532 Datasheet
422Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P4532L FENGJUI-F4P4532L Datasheet
754Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com