Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC1093A-R82M Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # MC1093A-R82M
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

MC1093A-R82M Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  MC1093A-R82M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. MC1093A-R82M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1601
MC1093A TYPE
●FEATURE
1.
Shielded construction
●Applications
1.
Notebook, server application, High current power supplier
●Shape and Dimension(m/m)
●Schematics and Land Patterns(mm)
Dimension tolerance : ±0.40m/m
●Specification
P/N
L
(μH)
RDC
(m
Ω) MAX.
SRF
(MHz) typ.
Isat
(A)
Irms
(A)
MC1093A-R22M
0.22±20%
1.60
300
55.0
22.0
MC1093A-R33M
0.33±20%
1.60
250
42.0
22.0
MC1093A-R47M
0.47±20%
1.85
160
36.0
20.0
MC1093A-R56M
0.56±20%
1.85
150
32.0
20.0
MC1093A-R68M
0.68±20%
2.65
140
28.0
17.0
MC1093A-R82M
0.82±20%
2.62
120
24.0
17.0
MC1093A-1R0M
1.0±20%
2.65
100
21.0
17.0
MC1093A-1R5M
1.5±20%
4.0
78
17.0
13.5
MC1093A-2R2M
2.2±20%
5.30
80
14.0
12.0
MC1093A-3R3M
3.3±20%
7.70
51
10.0
11.0
MC1093A-4R7M
4.7±20%
10.8
49
8.5
10.0
MC1093A-6R8M
6.8±20%
16.9
40
7.0
9.0
MC1093A-8R2M
8.2±20%
16.9
36
6.0
9.0
MC1093A-100M
10±20%
26.0
35
5.0
7.0
Note1. Measurement frequency of Inductance value : at 100KHz, 0.25V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 30%(typ) from its value without current
Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient(typical)
Note5. Inductance tolerance: M: ±20%
Noet6. Packing, Quantity: 400pcs/reel
XXX


Similar Part No. - MC1093A-R82M

ManufacturerPart #DatasheetDescription
logo
Zhengzhou Winsen Electr...
MC109 WINSEN-MC109 Datasheet
538Kb / 6P
9 Catalytic Flammable Gas Sensor
More results

Similar Description - MC1093A-R82M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI07024Q1 FENGJUI-PI07024Q1 Datasheet
197Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com