Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI07035 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PI07035
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PI07035 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PI07035 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PI07035 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1502
PI07035 TYPE
●FEATURE
1. Shielded constrution
2. Frequency range up to 5MHz, Low DCR(uH)
3. Low Buzz Noise
●Applications
1. Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=6.90m/m Max ; B=7.60m/m Max ; C=3.50m/m Max. ; D=3.20m/m Ref. ; E=
1.40m/m Ref.
G=8.00m/m Ref. ; H=3.45m/m Ref. ; I=3.70m/m Ref.
●Specification
FENG JUI
P/N
L
(
μH)
RDC
(m
Ω) Typical
RDC
(m
Ω)Max
Isat
(A)
Irms
(A)
PI07035-R10M
0.10±20%
1.5
1.8
60
32.5
PI07035-R15M
0.15±20%
1.9
2.6
52
26
PI07035-R20M
0.20±20%
2.4
3.2
41
24
PI07035-R22M
0.22±20%
2.5
3.9
40
23
PI07035-R33M
0.33±20%
3.5
4.1
30
20
PI07035-R47M
0.47±20%
4.0
4.4
26
17.5
PI07035-R68M
0.68±20%
5.0
5.8
25
15.5
PI07035-R82M
0.82±20%
6.7
8.4
24
13
PI07035-1R0M
1.0±20%
9.0
10.5
22
11
PI07035-1R5M
1.5±20%
14
15.8
18
9
PI07035-2R2M
2.2±20%
18
21.0
14
8
PI07035-3R3M
3.3±20%
28
31.5
13.5
6
PI07035-4R7M
4.7±20%
37
42.0
10
5.5
PI07035-6R8M
6.8±20%
54
63.0
8
4.5
PI07035-8R2M
8.2±20%
64
71.4
7.5
4
PI07035-100M
10±20%
102
110.3
7
3


Similar Part No. - PI07035

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PI07030 FENGJUI-PI07030 Datasheet
208Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI07030-100M FENGJUI-PI07030-100M Datasheet
208Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI07030-150M FENGJUI-PI07030-150M Datasheet
208Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI07030-1R0M FENGJUI-PI07030-1R0M Datasheet
208Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI07030-1R5M FENGJUI-PI07030-1R5M Datasheet
208Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PI07035

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com