Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI10040 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PI10040
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PI10040 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PI10040 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PI10040 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PI10040 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1601
PI 10040 TYPE
●FEATURE
1. Shielded constrution
2. Frequency range up to 5MHz, Low DCR(
Ω), Low Buzz Noise
●Applications
1. Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=10.30m/m Max ; B=11.50m/m Max ; C=4.00m/m Max. ; D=refer Note.6 ; E=2.00m/m Ref. ;
G=12.00m/m Ref. ; H=4.6m/m Ref. ; I=5.00m/m Ref.
●Specification
P/N
L
(μH)
RDC
(mΩ) Typical
RDC
(mΩ)Max
Isat
(A)
Irms
(A)
PI10040-R36M
0.36±20%
0.85
1.20
50
32
PI10040-R47M
0.47±20%
1.80
2.00
41
25
PI10040-R56M
0.56±20%
2.30
2.50
40
22
PI10040-1R0M
1.0±20%
3.90
4.00
36
19
PI10040-1R5M
1.5±20%
5.10
6.50
20
16
PI10040-2R2M
2.2±20%
7.50
8.50
19
13
PI10040-3R3M
3.3±20%
10.3
11.5
16
11
PI10040-4R7M
4.7±20%
14.5
16.5
14
8.0
PI10040-5R6M
5.6±20%
17.6
23.5
12
8.0
PI10040-6R8M
6.8±20%
21.2
25.5
11
7.5
PI10040-8R2M
8.2±20%
28.5
31.0
10
7.0
PI10040-100M
10±20%
37.5
42.0
8
5.0
PI10040-150M
15±20%
60.0
70.0
7
5.0
PI10040-220M
22±20%
85.0
92.0
6
3.5
PI10040-330M
33±20%
125
150
4
3.0
PI10040-470M
47±20%
170
191
3
3.0
PI10040-680M
68±20%
280
340
3
2.5


Similar Part No. - PI10040

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PI10040Q1 FENGJUI-PI10040Q1 Datasheet
184Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI10040Q1-100M FENGJUI-PI10040Q1-100M Datasheet
184Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI10040Q1-1R0M FENGJUI-PI10040Q1-1R0M Datasheet
184Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI10040Q1-1R5M FENGJUI-PI10040Q1-1R5M Datasheet
184Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI10040Q1-220M FENGJUI-PI10040Q1-220M Datasheet
184Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PI10040

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com