Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI13050-R22M Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PI13050-R22M
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PI13050-R22M Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PI13050-R22M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PI13050-R22M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PI13050-R22M Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1502
PI13050 TYPE
●FEATURE
1. Shielded constrution
2. Frequency range up to 5MHz, Low DCR(
Ω), Low Buzz Noise
●Applications
1. Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=12.90m/m Max ; B=14.00m/m Max ; C=5.00m/m Max. ; D=refer Note.7 ; E=2.20m/m Ref. ;
G=14.00m/m Ref. ; H=5.15m/m Ref. ; I=7.60m/m Ref.
●Specification
P/N
L
(μH)
RDC
(mΩ) Typical
RDC
(mΩ)Max
Isat
(A)
Irms
(A)
PI13050-R10M
0.10±20%
0.53
0.60
118
55
PI13050-R22M
0.22±20%
0.64
0.80
110
51
PI13050-R33M
0.33±20%
0.85
1.10
80
42
PI13050-R47M
0.47±20%
1.10
1.30
65
38
PI13050-R56M
0.56±20%
1.30
1.50
55
36
PI13050-R68M
0.68±20%
1.50
1.70
54
34
PI13050-R82M
0.82±20%
2.00
2.30
53
31
PI13050-1R0M
1.0±20%
2.10
2.50
50
29
PI13050-1R5M
1.5±20%
3.40
4.10
48
23
PI13050-2R2M
2.2±20%
4.60
5.50
32
20
PI13050-3R3M
3.3±20%
7.70
9.20
32
15
PI13050-4R7M
4.7±20%
12.8
15.0
27
12
PI13050-5R6M
5.6±20%
14.0
16.5
22
11.5
PI13050-6R8M
6.8±20%
15.4
18.5
21
11
PI13050-8R2M
8.2±20%
18.9
22.5
18
9.5
PI13050-100M
10±20%
21.4
25.5
16
9.0


Similar Part No. - PI13050-R22M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PI13050Q1 FENGJUI-PI13050Q1 Datasheet
197Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13050Q1-100M FENGJUI-PI13050Q1-100M Datasheet
197Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13050Q1-1R0M FENGJUI-PI13050Q1-1R0M Datasheet
197Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13050Q1-1R5M FENGJUI-PI13050Q1-1R5M Datasheet
197Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13050Q1-2R2M FENGJUI-PI13050Q1-2R2M Datasheet
197Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PI13050-R22M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com