Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI13067-R82M Datasheet(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PI13067-R82M
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PI13067-R82M Datasheet(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

  PI13067-R82M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PI13067-R82M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PI13067-R82M Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. PI13067-R82M Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD. PI13067-R82M Datasheet HTML 5Page - FENGJUI TECHNOLOGY CO., LTD. PI13067-R82M Datasheet HTML 6Page - FENGJUI TECHNOLOGY CO., LTD. PI13067-R82M Datasheet HTML 7Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1801
P/N
L
(
μH)
RDC
(m
Ω) Typical
RDC
(m
Ω)Max
Isat
(A)
Irms
(A)
PI13067-150M
15±20%
27.5
32
11
7
PI13067-220M
22±20%
35
45
8
5
PI13067-330M
33±20%
72
82
7
4.5
PI13067-470M
47±20%
85
90
5.5
4.0
PI13067-680M
68±20%
160
172
6
3.0
Note1. Measurement frequency of Inductance value : at 100KHz, 0.25V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 20%(typ) from its value without current
Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient(typical)
Note5. Inductance tolerance: M: ±20% ; N: ±30%
Note6. Packaging: Taping ; Quantity: 250pcs/reel
Note7. D Dimension range: R10~1R5, D=4.0±0.5mm;2R2, D=3.0±0.5mm ;3R3~680, D=4.7±0.3 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com