Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC05030-R47M Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PIC05030-R47M
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PIC05030-R47M Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PIC05030-R47M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PIC05030-R47M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PIC05030-R47M Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. PIC05030-R47M Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1602
PIC05030 TYPE
●FEATURE
1. Shielded constrution
2. Frequency range up to 5MHz, Low DCR(Ω),Low Buzz Noise
●Applications
1. Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=5.40m/m Max ; B=5.70m/m Max ; C=3.00m/m Max. ; D=2.20±0.3m/m ; E=1.20m/m Ref. ;
G=6.00m/m ; H=2.20m/m ; I=2.50m/m
●Specification
P/N
L
(μH)
RDC
(mΩ) Typical
RDC
(mΩ)Max
Isat
(A)
Irms
(A)
PIC05030-R47M
0.47±20%
7.40
8.50
12.0
11.0
PIC05030-R68M
0.68±20%
11.0
12.0
11.5
9.0
PIC05030-1R0M
1.0±20%
13.0
14.0
11.0
8.5
PIC05030-1R2M
1.2±20%
15.0
16.0
11.0
8.5
PIC05030-1R5M
1.5±20%
20.0
25.0
8.5
8.2
PIC05030-2R2M
2.2±20%
25.0
29.0
7.5
7.0
PIC05030-3R3M
3.3±20%
32.0
38.0
6.0
5.5
PIC05030-4R7M
4.7±20%
50.0
60.0
5.0
4.5
PIC05030-6R8M
6.8±20%
75.0
90.0
4.0
3.5
PIC05030-100M
10±20%
110
125
3.5
3.2
Note1. Measurement frequency of Inductance value : at 100KHz, 1V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 30%(typ) from its value without current
Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient(typical)
Note5. Inductance tolerance: M: ±20%
Note6. Packaging: Taping ; Quantity: 2000 Piece/reel


Similar Part No. - PIC05030-R47M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIC0503H SUPERWORLD-PIC0503H Datasheet
337Kb / 8P
MOLDED POWER CHOKE COIL
PIC0503H100MF SUPERWORLD-PIC0503H100MF Datasheet
561Kb / 9P
SMD Power Choke Coil
PIC0503H100MN SUPERWORLD-PIC0503H100MN Datasheet
337Kb / 8P
MOLDED POWER CHOKE COIL
PIC0503H150MF SUPERWORLD-PIC0503H150MF Datasheet
561Kb / 9P
SMD Power Choke Coil
PIC0503H1R0MF SUPERWORLD-PIC0503H1R0MF Datasheet
561Kb / 9P
SMD Power Choke Coil
More results

Similar Description - PIC05030-R47M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI07024Q1 FENGJUI-PI07024Q1 Datasheet
197Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com