Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC252012 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PIC252012
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PIC252012 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PIC252012 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PIC252012 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PIC252012 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. PIC252012 Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1606
PIC252012 TYPE
●FEATURE
1.
Shielded construction( height=1.20mm Max)
2.
Frequency range up to 5MHz, Low DCR(Ω)
●Applications
1.
Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=2.5±0.2m/m ; B=2.0±0.2m/m ; B1=1.84±0.2m/m; C=1.20m/m Max. ; D=0.60±0.3m/m
G=2.90m/m Ref. ; H=2.1m/m Ref. ; I=1.2m/m Ref.
●Specification
P/N
L
(µH)
RDC
(mΩ)Max
Isat
(A)
Irms
(A)
SRF
(MHz) min
Q
min
PIC252012-R33M
0.33±20%
17.0
4.3
5.6
30
30
PIC252012-R47M
0.47±20%
25.0
3.8
4.5
30
30
PIC252012-R68M
0.68±20%
43.0
3.0
4.0
30
30
PIC252012-1R0M
1.0±20%
53.0
2.8
3.1
30
30
PIC252012-2R2M
2.2±20%
98.0
1.8
2.3
10
30
Note1. Measurement frequency of Inductance value : at 1MHz, 1V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 30%(typ) from its value without current
Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient(typical)


Similar Part No. - PIC252012

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PIC2503SL KODENSHI-PIC2503SL Datasheet
97Kb / 2P
Built-in Schumitt Trigger circuit
logo
Microchip Technology
PIC25K42 MICROCHIP-PIC25K42 Datasheet
7Mb / 795P
28-Pin, Low-Power High-Performance Microcontrollers with XLP Technology
02/28/20
More results

Similar Description - PIC252012

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com