Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIT04020-R22M Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PIT04020-R22M
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PIT04020-R22M Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PIT04020-R22M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PIT04020-R22M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PIT04020-R22M Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. PIT04020-R22M Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD. PIT04020-R22M Datasheet HTML 5Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1601
PIT04020 TYPE
●FEATURE
1. Shielded constrution
2. Frequency range up to 5MHz, Low DCR(uH),Low Buzz Noise
●Applications
1. Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=4.30m/m Max ; B=4.70m/m Max ; C=2.00m/m Max. ; D=1.80±0.4m/m; E=0.80m/m Ref. ;
G=5.20m/m ; H=2.40m/m ; I=2.20m/m
●Specification
P/N
L
(μH)
RDC
(mΩ) Typical
RDC
(mΩ)Max
Isat
(A)
Irms
(A)
PIT04020-R10N
0.10±30%
3.2
4.0
35
12
PIT04020-R22M
0.22±20%
6.6
7.3
24
11
PIT04020-R33M
0.33±20%
7.8
8.6
18
10
PIT04020-R47M
0.47±20%
11.2
14
12
8
PIT04020-R68M
0.68±20%
16
19
10
7
PIT04020-1R0M
1.0±20%
22
27
8.5
5
PIT04020-1R2M
1.2±20%
25
30
7.8
4.8
PIT04020-1R5M
1.5±20%
34.8
42
7
4.5
PIT04020-2R2M
2.2±20%
51
61
6
4
PIT04020-3R3M
3.3±20%
69
76
4
3.5
PIT04020-4R7M
4.7±20%
95
105
3.5
2.6
PIT04020-5R6M
5.6±20%
112
125
3
2.2
PIT04020-6R8M
6.8±20%
150
172
2.8
2.1
PIT04020-100M
10±20%
215
243
2.3
1.8


Similar Part No. - PIT04020-R22M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A-1R0M FENGJUI-PIT04020A-1R0M Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A-1R2M FENGJUI-PIT04020A-1R2M Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A-1R5M FENGJUI-PIT04020A-1R5M Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A-1R8M FENGJUI-PIT04020A-1R8M Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PIT04020-R22M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com