Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIT05020-R33 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PIT05020-R33
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PIT05020-R33 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PIT05020-R33 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PIT05020-R33 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PIT05020-R33 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. PIT05020-R33 Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD. PIT05020-R33 Datasheet HTML 5Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
PIT05020 TYPE
●FEATURE
1. Shielded construction
2. Frequency range up to 5MHz, Low DCR(Ω),Low Buzz Noise
●Applications
1. Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=5.40m/m Max ; B=6.00m/m Max ; C=2.00m/m Max. ; D=2.50±0.3m/m ; E=1.10m/m Ref. ;
G=6.20m/m ; H=2.80m/m ; I=2.20m/m
●Specification
P/N
L
(μH)
RDC
(mΩ) Typical
RDC
(mΩ)Max
Isat
(A)
Irms
(A)
PIT05020-R33□
0.33
6.3
7.3
21.3
12.0
PIT05020-R47□
0.47
7.3
8.6
18.0
11.5
PIT05020-R68□
0.68
11.0
12.4
12.8
10.0
PIT05020-1R0□
1.0
17.5
20.0
13.7
7.0
PIT05020-1R5□
1.5
26.5
30.5
9.8
5.5
PIT05020-2R2□
2.2
42.0
50.0
9.0
4.2
PIT05020-3R3□
3.3
66.0
76.0
7.3
3.3
PIT05020-4R7□
4.7
103
116
5.0
2.8
PIT05020-5R6□
5.6
112
122
4.0
2.5
PIT05020-6R8□
6.8
130
150
3.8
2.4
PIT05020-8R2□
8.2
148
171
3.5
2.3
PIT05020-100□
10
180
199
3.4
2.3


Similar Part No. - PIT05020-R33

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PIT05012 FENGJUI-PIT05012 Datasheet
266Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
PIT05012-100M FENGJUI-PIT05012-100M Datasheet
266Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
PIT05012-1R0M FENGJUI-PIT05012-1R0M Datasheet
266Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
PIT05012-1R2M FENGJUI-PIT05012-1R2M Datasheet
266Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
PIT05012-1R5M FENGJUI-PIT05012-1R5M Datasheet
266Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PIT05020-R33

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com