Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIT05012-R68M Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PIT05012-R68M
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PIT05012-R68M Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PIT05012-R68M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PIT05012-R68M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PIT05012-R68M Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. PIT05012-R68M Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD. PIT05012-R68M Datasheet HTML 5Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
PIT05012 TYPE
●FEATURE
1. Shielded constrution
2. Frequency range up to 5MHz, Low DCR(Ω),Low Buzz Noise
●Applications
1. Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=5.40m/m Max ; B=6.00m/m Max ; C=1.20m/m Max. ; D=2.50m/m Ref. ; E=1.20m/m Ref. ;
G=6.20m/m ; H=2.80m/m ; I=2.20m/m
●Specification
P/N
L
(μH)
RDC
(mΩ) Typical
RDC
(mΩ)Max
Isat
(A)
Irms
(A)
PIT05012-R10N
0.10±30%
4.3
5.2
14.5
14
PIT05012-R22N
0.22±30%
5.5
6.7
14
10.7
PIT05012-R33M
0.33±20%
7.8
9.4
13.5
8.5
PIT05012-R47M
0.47±20%
13.6
15.8
11
7
PIT05012-R68M
0.68±20%
21.5
24.5
9
6
PIT05012-1R0M
1.0±20%
26
30
6
5
PIT05012-1R2M
1.2±20%
33
40
5.5
4.5
PIT05012-1R5M
1.5±20%
38
44
5
4
PIT05012-2R2M
2.2±20%
65
75
4
3.5
PIT05012-3R3M
3.3±20%
75
86
3.8
3
PIT05012-4R7M
4.7±20%
100
115
3.2
2.5
PIT05012-5R6M
5.6±20%
175
201
3.2
2.4
PIT05012-6R8M
6.8±20%
193
222
3
2
PIT05012-8R2M
8.2±20%
327
378
2.8
1.7
PIT05012-100M
10±20%
335
385
1.8
1.5


Similar Part No. - PIT05012-R68M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PIT05020 FENGJUI-PIT05020 Datasheet
269Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
PIT05020-100 FENGJUI-PIT05020-100 Datasheet
269Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
PIT05020-1R0 FENGJUI-PIT05020-1R0 Datasheet
269Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
PIT05020-1R5 FENGJUI-PIT05020-1R5 Datasheet
269Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
PIT05020-2R2 FENGJUI-PIT05020-2R2 Datasheet
269Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PIT05012-R68M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com