Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIT07012 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PIT07012
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PIT07012 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PIT07012 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PIT07012 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PIT07012 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. PIT07012 Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1501
2015/1/13
PIT07012 TYPE
●FEATURE
1. Shielded constrution
2. Frequency range up to 5MHz, Low DCR(uH)
3. Low Buzz Noise
●Applications
1. Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
Figure 1
Figure 2
A=6.90m/m Max ; B=7.30m/m Max ; C=1.20m/m Max. ; D=2.50±0.3m/m ; E=1.80m/m Ref. ;
G=7.70m/m Ref. ; H=3.00m/m Ref. ; I=2.50m/m Ref.
●Specification
P/N
L
(μH)
RDC
(mΩ)Max
Isat
(A)
Irms
(A)
FIG
PIT07012-R68M
0.68±20%
19
8.0
7.0
1
PIT07012-1R0M
1.0±20%
28
7.0
6.0
1
PIT07012-1R5M
1.5±20%
40.8
6.0
4.5
1
PIT07012-2R2M
2.2±20%
61.0
5.0
4.0
1
PIT07012-3R3M
3.3±20%
103
3.6
3.0
1
PIT07012-4R7M
4.7±20%
150
3.2
2.5
1
PIT07012-6R8M
6.8±20%
217
2.4
2.1
2
PIT07012-100M
10±20%
290
2.2
2.0
2


Similar Part No. - PIT07012

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PIT07030A FENGJUI-PIT07030A Datasheet
272Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT07030A-1R0M FENGJUI-PIT07030A-1R0M Datasheet
272Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT07030A-1R2M FENGJUI-PIT07030A-1R2M Datasheet
272Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT07030A-1R8M FENGJUI-PIT07030A-1R8M Datasheet
272Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT07030A-2R2M FENGJUI-PIT07030A-2R2M Datasheet
272Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PIT07012

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com