Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIT05030-R33M Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PIT05030-R33M
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PIT05030-R33M Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PIT05030-R33M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PIT05030-R33M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PIT05030-R33M Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. PIT05030-R33M Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD. PIT05030-R33M Datasheet HTML 5Page - FENGJUI TECHNOLOGY CO., LTD. PIT05030-R33M Datasheet HTML 6Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1702
PIT05030 TYPE
●FEATURE
1. Shielded constrution
2. Frequency range up to 5MHz, Low DCR(Ω),Low Buzz Noise
●Applications
1. Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=5.40m/m Max ; B=6.00m/m Max ; C=3.00m/m Max. ; D=1.50±0.3m/m ; E=1.20m/m Ref. ;
G=6.20m/m ; H=2.00m/m ; I=2.50m/m
●Specification
P/N
L
(μH)
RDC
(mΩ) Typical
RDC
(mΩ)Max
Isat
(A)
Irms
(A)
PIT05030-R22M
0.22±20%
3.70
4.40
21.0
15.5
PIT05030-R33M
0.33±20%
4.30
5.00
18.0
14.0
PIT05030-R47M
0.47±20%
6.40
7.40
16.0
12.0
PIT05030-R56M
0.56±20%
8.00
10.0
15.0
10.0
PIT05030-R68M
0.68±20%
10.0
12.0
14.0
8.5
PIT05030-1R0M
1.0±20%
13.0
14.0
11.0
7.0
PIT05030-1R5M
1.5±20%
16.0
25.0
10.0
6.0
PIT05030-2R2M
2.2±20%
25.0
35.0
9.0
5.5
PIT05030-3R3M
3.3±20%
32.0
38.0
8.0
5.0
PIT05030-4R7M
4.7±20%
50.0
53.0
6.0
4.6
PIT05030-5R6M
5.6±20%
55.0
63.0
4.5
4.25
PIT05030-6R8M
6.8±20%
68.0
76.2
4.3
4.0
PIT05030-100M
10±20%
110
128
3.5
2.75
PIT05030-150M
15±20%
165
190
2.6
2.1
PIT05030-220M
22±20
%
220
250
1.7
1.9
PIT05030-330M
33±20
%
380
440
1.6
1.6


Similar Part No. - PIT05030-R33M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PIT05012 FENGJUI-PIT05012 Datasheet
266Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
PIT05012-100M FENGJUI-PIT05012-100M Datasheet
266Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
PIT05012-1R0M FENGJUI-PIT05012-1R0M Datasheet
266Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
PIT05012-1R2M FENGJUI-PIT05012-1R2M Datasheet
266Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
PIT05012-1R5M FENGJUI-PIT05012-1R5M Datasheet
266Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PIT05030-R33M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI07024Q1 FENGJUI-PI07024Q1 Datasheet
197Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com