Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIT07030A-R18M Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PIT07030A-R18M
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PIT07030A-R18M Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PIT07030A-R18M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PIT07030A-R18M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PIT07030A-R18M Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. PIT07030A-R18M Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
PIT07030A TYPE
●FEATURE
1. Shielded construction, very Low DCR and high current
2. Iron powder and ferrite composite
3. Cross out Coilcraft XAL6030 series
●Applications
1. Server, high current power supplies, DC/DC converters
2. Equipment used for automotive
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=6.60±0.20m/m ; B=6.40±0.20m/m ; C=3.10m/m MAX ; D=See SPEC table ;
E=1.40±0.20m/m ; F=2.60±0.20m/m ; G=2.50m/m ; H=5.60m/m ; L=5.60m/m
●Specification
P/N
L
RDC
Isat(A)
Irms(A) typ.
D(mm)
(μH)
(m
Ω) Typ.
(m
Ω) Max
Typ.
△T: 20℃
△T: 40℃
±0.30
PIT07030A-R18M
0.18±20%
1.60
1.75
40.0
24.0
32.0
5.30
PIT07030A-R33M
0.33±20%
2.25
2.50
32.0
20.0
25.0
5.55
PIT07030A-R56M
0.56±20%
3.00
3.31
29.0
17.0
22.0
5.30
PIT07030A-1R0M
1.0±20%
5.50
6.05
23.0
13.0
18.0
5.20
PIT07030A-1R2M
1.2±20%
6.70
7.40
22.0
12.0
16.0
5.15
PIT07030A-1R8M
1.8±20%
9.20
10.2
18.2
10.0
14.0
5.10
PIT07030A-2R2M
2.2±20%
11.0
12.2
15.9
7.0
10.0
5.05
PIT07030A-3R3M
3.3±20%
18.8
20.8
12.2
6.0
8.0
5.00
PIT07030A-4R5M
4.5±20%
23.0
25.3
10.0
5.0
7.0
5.00
Note1. Measurement frequency of Inductance value : at 100KHz, 0.1V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 30%(typ) from its value without current
Note4. Inductance tolerance: M: ±20%
Note5. Packaging: Taping ; Quantity: 1000 Piece/reel


Similar Part No. - PIT07030A-R18M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PIT07012 FENGJUI-PIT07012 Datasheet
283Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT07012-100M FENGJUI-PIT07012-100M Datasheet
283Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT07012-1R0M FENGJUI-PIT07012-1R0M Datasheet
283Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT07012-1R5M FENGJUI-PIT07012-1R5M Datasheet
283Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT07012-2R2M FENGJUI-PIT07012-2R2M Datasheet
283Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PIT07030A-R18M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com