Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7341EHKP Datasheet(PDF) 12 Page - Sinopower Semiconductor Inc

Part # SM7341EHKP
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM7341EHKP Datasheet(HTML) 12 Page - Sinopower Semiconductor Inc

Back Button SM7341EHKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM7341EHKP Datasheet HTML 9Page - Sinopower Semiconductor Inc SM7341EHKP Datasheet HTML 10Page - Sinopower Semiconductor Inc SM7341EHKP Datasheet HTML 11Page - Sinopower Semiconductor Inc SM7341EHKP Datasheet HTML 12Page - Sinopower Semiconductor Inc SM7341EHKP Datasheet HTML 13Page - Sinopower Semiconductor Inc SM7341EHKP Datasheet HTML 14Page - Sinopower Semiconductor Inc SM7341EHKP Datasheet HTML 15Page - Sinopower Semiconductor Inc SM7341EHKP Datasheet HTML 16Page - Sinopower Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SM7341EHKP
www.sinopowersemi.com
12
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.4 - December, 2017
®
Channel 2 Typical Operating Characteristics (Cont.)
VDS - Drain-Source Voltage (V)
Capacitance
Gate Charge
QG - Gate Charge (nC)
Transfer Characteristics
V
GS - Gate-Source Voltage (V)
0
5
10
15
20
25
30
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Frequency=1MHz
Crss
Coss
Ciss
0
1
2
3
4
5
6
0
30
60
90
120
150
T
j=125
oC
T
j=25
oC
0
7
14
21
28
35
42
0
1
2
3
4
5
6
7
8
9
10
V
DS= 15V
I
DS= 25A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com