Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQH2R2 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PQH2R2
Description  SMD POWER INDUCTOR-RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PQH2R2 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PQH2R2 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PQH2R2 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PQH2R2 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. PQH2R2 Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1801
PQH □□□□□□ TYPE
●FEATURE
1.
Excellent solder heat resistance(add “C” is for high current type)
2.
Low voltage drops and small variations inductance
●Applications
1.
Power line choke coils, etc
●Shape and Dimension
●Schematics and Land Patterns(mm)
●Specification
Dimension in m/m
TYPE
A
B
C
D
E
F
G
I
H
PQH322516
3.2±0.30
2.5±0.30 2.5±0.30 1.6±0.30
0.9
1.3
3.70
1.10
2.90
PQH321618
3.2±0.30
1.6±0.30 2.3±0.30 1.8±0.30
0.9
1.3
3.70
0.70
2.00
PQH322520
3.2±0.30
2.5±0.30 2.5±0.30 2.0±0.30
0.9
1.3
3.70
1.10
2.90
PQH453226
4.5±0.30
3.2±0.30 3.6±0.30 2.6±0.30
1.4
1.7
5.00
1.00
3.70
PQH575047
5.7±0.30
5.0±0.30 5.0±0.30 4.7±0.30
1.8
2.0
6.20
2.00
5.50
PQH322520C
3.2±0.30
2.5±0.30 2.5±0.30 2.0±0.30
0.9
1.3
3.70
1.10
2.90
PQH453226C
4.5±0.30
3.2±0.30 3.6±0.30 2.6±0.30
1.4
1.7
5.00
1.00
3.70
Note1. Measurement frequency of Inductance value : at 1KHz for PQH453226,PQH453226C,PQH575047
100KHz for PQH321618,PQH322520C
1MHz for PQH322516,PQH322520
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. IDC : This indicates the value of current when the inductances is 10% lower than its initial
value at D.C. superimposition or D.C. current when at Δt=40℃,which is lower.(Ta=20℃)
Note4. Inductance tolerance: K: ±10% ; M: ±20%
Note5. Ordering Code: TYPE NAME: PQH322516
Main Inductance: 100 (10uH)
Tolerance : M (±20%)
Note6. This specification might be changed without notice due to under developing and improving.
Thank you for your understanding.
C
B
D
A
F
E
E
G
I


Similar Part No. - PQH2R2

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PQH201610T-100-R FENGJUI-PQH201610T-100-R Datasheet
205Kb / 2P
SLIM INDUCTOR-RoHS
PQH201610T-1R0-R FENGJUI-PQH201610T-1R0-R Datasheet
205Kb / 2P
SLIM INDUCTOR-RoHS
PQH201610T-1R5-R FENGJUI-PQH201610T-1R5-R Datasheet
205Kb / 2P
SLIM INDUCTOR-RoHS
PQH201610T-220-R FENGJUI-PQH201610T-220-R Datasheet
205Kb / 2P
SLIM INDUCTOR-RoHS
PQH201610T-2R2-R FENGJUI-PQH201610T-2R2-R Datasheet
205Kb / 2P
SLIM INDUCTOR-RoHS
More results

Similar Description - PQH2R2

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com