Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7371EHKP Datasheet(PDF) 6 Page - Sinopower Semiconductor Inc

Part # SM7371EHKP
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM7371EHKP Datasheet(HTML) 6 Page - Sinopower Semiconductor Inc

Back Button SM7371EHKP Datasheet HTML 2Page - Sinopower Semiconductor Inc SM7371EHKP Datasheet HTML 3Page - Sinopower Semiconductor Inc SM7371EHKP Datasheet HTML 4Page - Sinopower Semiconductor Inc SM7371EHKP Datasheet HTML 5Page - Sinopower Semiconductor Inc SM7371EHKP Datasheet HTML 6Page - Sinopower Semiconductor Inc SM7371EHKP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM7371EHKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM7371EHKP Datasheet HTML 9Page - Sinopower Semiconductor Inc SM7371EHKP Datasheet HTML 10Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SM7371EHKP
www.sinopowersemi.com
6
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.1 - July, 2016
®
Channel 1 Typical Operating Characteristics (Cont.)
Safe Operation Area
VDS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
VDS - Drain - Source Voltage (V)
Output Characteristics
Drain-Source On Resistance
ID- Drain Current (A)
0.01
0.1
1
10
100 300
0.01
0.1
1
10
60
1s
T
A=25
oC
10ms
300ms
1ms
100ms
DC
1E-4 1E-3 0.01 0.1
1
10
100 1000
1E-3
0.01
0.1
1
2
Mounted on 1in
2 pad
R
qJA :100
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
60
4V
3.5V
2.5V
3V
V
GS=4.5,5,6,7,8,9,10V
0
10
20
30
40
50
0
4
8
12
16
20
24
V
GS=4.5V
V
GS=10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com