Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R7DN Datasheet(PDF) 15 Page - Nuvoton Technology Corporation

Part # N32905R7DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R7DN Datasheet(HTML) 15 Page - Nuvoton Technology Corporation

Back Button N32905R7DN Datasheet HTML 11Page - Nuvoton Technology Corporation N32905R7DN Datasheet HTML 12Page - Nuvoton Technology Corporation N32905R7DN Datasheet HTML 13Page - Nuvoton Technology Corporation N32905R7DN Datasheet HTML 14Page - Nuvoton Technology Corporation N32905R7DN Datasheet HTML 15Page - Nuvoton Technology Corporation N32905R7DN Datasheet HTML 16Page - Nuvoton Technology Corporation N32905R7DN Datasheet HTML 17Page - Nuvoton Technology Corporation N32905R7DN Datasheet HTML 18Page - Nuvoton Technology Corporation N32905R7DN Datasheet HTML 19Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
N3291xUxDN Data Sheet
- 15 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
PIN NAME
I/O
TYPE
DESCRIPTION
GPD[7]
GPIO Port D Bit 7
NWR_
IOU
NAND Interface Write Enable, Output, Low Active
SDCMD2
SD Port 2 Command/Response
GPD[8]
GPIO Port D Bit 8
ND[7]
IOU
NAND Interface Data Bit 7
SPI0_CS0_
SPI Port 0 CS0, Active Low
GPA[15]
GPIO Port A Bit 15
ND[6]
IOU
NAND Interface Data Bit 6
SPI0_CLK
SPI Port 0 Serial Clock Signal
GPA[14]
GPIO Port A Bit 14
ND[5]
IOU
NAND Interface Data Bit 5
SPI0_DI
SPI Port 0 Serial Data Input
UHL_DM0
USB 1.1 Host Like Port 0 D- Signal
GPA[13]
GPIO Port A Bit 13
ND[4]
IOU
NAND Interface Data Bit 4
SPI0_DO
SPI Port 0 Serial Data Output
UHL_DP0
USB 1.1 Host Like Port 0 D+ Signal
GPA[12]
GPIO Port A Bit 12
ND[3]
IOU
NAND Interface Data Bit 3
SDDAT2[3]
SD Port 3 Data Bit 3
ND[2]
IOU
NAND Interface Data Bit 2
ND[1]
IOU
NAND Interface Data Bit 1
ND[0]
IOU
NAND Interface Data Bit 0
Sensor/Video-In Interface
SCLKO
IOU
Clock to Sensor Module, Output
UHL_DP1
USB Host Like Interface, DP
SDDAT1[1]
SD Port 1 Data Bit 1
GPB[0]
GPIO Port B Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com