Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD9105W Datasheet(PDF) 4 Page - Will Semiconductor Ltd.

Part # SPD9105W
Description  1 Lines, Bi-directional, low Capacitance Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD9105W Datasheet(HTML) 4 Page - Will Semiconductor Ltd.

  SPD9105W Datasheet HTML 1Page - Will Semiconductor Ltd. SPD9105W Datasheet HTML 2Page - Will Semiconductor Ltd. SPD9105W Datasheet HTML 3Page - Will Semiconductor Ltd. SPD9105W Datasheet HTML 4Page - Will Semiconductor Ltd. SPD9105W Datasheet HTML 5Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPD9105W
Will Semiconductor Ltd.
4
Revision 1.1, 2014/11/24
Typical characteristics (TA=25
oC, unless otherwise noted)
ESD clamping
(+8kV contact discharge per IEC61000-4-2)
TLP Measurement
ESD clamping
(-8kV contact discharge per IEC61000-4-2)
-20
-15
-10
-5
0
5
10
15
20
-20
-15
-10
-5
0
5
10
15
20
Z
0 = 50Ω
t
r = 2ns
t
p = 100ns
TLP voltage (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com