Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD9112W Datasheet(PDF) 1 Page - Will Semiconductor Ltd.

Part # SPD9112W
Description  1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD9112W Datasheet(HTML) 1 Page - Will Semiconductor Ltd.

  SPD9112W Datasheet HTML 1Page - Will Semiconductor Ltd. SPD9112W Datasheet HTML 2Page - Will Semiconductor Ltd. SPD9112W Datasheet HTML 3Page - Will Semiconductor Ltd. SPD9112W Datasheet HTML 4Page - Will Semiconductor Ltd. SPD9112W Datasheet HTML 5Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPD9112W
Will Semiconductor Ltd.
1
Revision 1.1, 2015/11/20
SPD9112W
1 Lines, Bi-directional, Low Capacitance
Transient Voltage Suppressors
Descriptions
The SPD9112W is a low capacitance TVS (Transient Voltage
Suppressor) array designed to protect high speed data
interfaces. It has been specifically designed to protect
sensitive electronic components which are connected to data
and
transmission
lines
from
over-stress
caused
by
Electrostatic Discharge (ESD), cable discharge events (CDE),
lightning and other induced voltage surges.
The SPD9112W incorporates low capacitance steering
diodes that reduce the typical capacitance to 1.2pF per line.
The SPD9112W may be used to provide ESD protection up
to ±30kV (contact discharge) according to IEC61000-4-2,
and withstand peak pulse current up to 12A (8/20
μs)
according to IEC61000-4-5.
The SPD9112W is available in SOD-323 package. Standard
products are Pb-free and Halogen-free.
Features
Reverse stand-off voltage: 12V Max.
Transient protection for each line according to
IEC61000-4-2 (ESD): ±30kV (contact discharge)
IEC61000-4-4 (EFT): 40A - 5/50ns
IEC61000-4-5 (surge): 12
A (8/20μs).
Low capacitance: CJ = 1.2pF typ.
Ultra-low leakage current: IR <1nA typ.
Low clamping voltage.
Solid-state silicon technology
Applications
10/100/1000 Ethernet
STB
Router
Networking
Modem
http//:www.sh-willsemi.com
SOD-323
Circuit diagram
TB = Device code
* = Month code ( A~Z)
Marking (Top View)
Order information
Device
Package
Shipping
SPD9112W-2/TR SOD-323 3000/Tape&Reel
Pin1
Pin2
*
TB


Similar Part No. - SPD9112W

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
SPD9112W TECHPUBLIC-SPD9112W Datasheet
1Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
More results

Similar Description - SPD9112W

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
SPD91011W WILLSEMI-SPD91011W Datasheet
447Kb / 6P
1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
SPD9103W WILLSEMI-SPD9103W Datasheet
176Kb / 5P
1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
SPD9105W WILLSEMI-SPD9105W Datasheet
175Kb / 5P
1 Lines, Bi-directional, low Capacitance Transient Voltage Suppressors
SPD9108W WILLSEMI-SPD9108W Datasheet
463Kb / 5P
1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
ESD5432N WILLSEMI-ESD5432N Datasheet
177Kb / 6P
2-Lines, Bi-directional, Transient Voltage Suppressors
ESD5452E WILLSEMI-ESD5452E Datasheet
651Kb / 6P
2-Lines, Bi-directional, Transient Voltage Suppressors
ESD5452N WILLSEMI-ESD5452N Datasheet
256Kb / 7P
2-Lines, Bi-directional, Transient Voltage Suppressors
ESD9NS5V WILLSEMI-ESD9NS5V Datasheet
472Kb / 7P
2-Lines, Bi-directional, Transient Voltage Suppressors
ESD9B5VDA WILLSEMI-ESD9B5VDA Datasheet
375Kb / 5P
1-Line, Low capacitance, Bi-directional Transient Voltage Suppressors
logo
Guangdong Youtai Semico...
SPD9105W UMW-SPD9105W Datasheet
386Kb / 5P
1 Lines, Bi-directional, low Capacitance Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com