Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD9112W-2/TR Datasheet(PDF) 2 Page - Will Semiconductor Ltd.

Part # SPD9112W-2/TR
Description  1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD9112W-2/TR Datasheet(HTML) 2 Page - Will Semiconductor Ltd.

  SPD9112W-2/TR Datasheet HTML 1Page - Will Semiconductor Ltd. SPD9112W-2/TR Datasheet HTML 2Page - Will Semiconductor Ltd. SPD9112W-2/TR Datasheet HTML 3Page - Will Semiconductor Ltd. SPD9112W-2/TR Datasheet HTML 4Page - Will Semiconductor Ltd. SPD9112W-2/TR Datasheet HTML 5Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPD9112W
Will Semiconductor Ltd.
2
Revision 1.1, 2015/11/20
Absolute maximum ratings
Electrical characteristics (TA = 25
oC, unless otherwise noted)
Notes:
1)
TLP parameter: Z0 = 50 Ω , tp = 100ns, tr = 2ns, averaging window from 60ns to 80ns. RDYN is calculated from 4A to
16A.
2)
Non-repetitive current pulse, according to IEC61000-4-5.
Parameter
Symbol
Rating
Unit
Peak pulse power (tp = 8/20μs)
Ppk
300
W
Peak pulse current (tp = 8/20μs)
IPP
12
A
ESD according to IEC61000-4-2 air discharge
VESD
±30
kV
ESD according to IEC61000-4-2 contact discharge
±30
Junction temperature
TJ
125
oC
Operating temperature
TOP
-40~85
oC
Lead temperature
TL
260
oC
Storage temperature
TSTG
-55~150
oC
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Reverse maximum working voltage
VRWM
12
V
Reverse leakage current
IR
VRWM = 12V
<1
100
nA
Reverse breakdown voltage
VBR
IT = 1mA
13
15
17
V
Clamping voltage
1)
VCL
IPP = 16A, tp = 100ns
23
V
Dynamic resistance
1)
RDYN
0.36
Ω
Clamping voltage
2)
VCL
IPP = 1A, tp = 8/20μs
19
V
IPP = 5A, tp = 8/20μs
24
V
IPP = 12A, tp = 8/20μs
28
V
Junction capacitance
CJ
VR = 0V, f = 1MHz
1.2
1.8
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com