Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD9511B Datasheet(PDF) 1 Page - Will Semiconductor Ltd.

Part # SPD9511B
Description  1-Line, Bi-directional, Thyristor Surge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD9511B Datasheet(HTML) 1 Page - Will Semiconductor Ltd.

  SPD9511B Datasheet HTML 1Page - Will Semiconductor Ltd. SPD9511B Datasheet HTML 2Page - Will Semiconductor Ltd. SPD9511B Datasheet HTML 3Page - Will Semiconductor Ltd. SPD9511B Datasheet HTML 4Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPD9511B
Will Semiconductor Ltd.
1
Revision 1.0, 2013/12/23
SPD9511B
1-Line, Bi-directional, Thyristor Surge Suppressors
Descriptions
The SPD9511B is a bi-directional TSS (Thyristor Surge
Suppressors) which can provide ESD protection for IC. It is
specifically designed to protect telecom equipments from
damaging overvoltage transients.
The SPD9511B is used to enable equipments to meet
various regulatory requirements including, ITU-T K.20, K.21
and IEC 61000-4-5
The SPD9511B is available in SMB package. Standard
products are Pb-free and Halogen-free.
Features
Peak off-state voltage: ±190V Max
Excellent capability of absorbing transient surge
Quick response to surge voltage
Eliminate voltage overshoot caused by fast-rising
transients
Low leakage current:
Solid-state silicon technology, non degenerative
Applications
Audio/Video line
Network and telecom
Data lines and security systems
Serial ports
BNC interface
DVR
http//:www.sh-willsemi.com
SMB (DO-214AA)
Schematic Diagram
AA
= Device code
Y
= Year code
W
= Week code
Marking (Top View)
Order information
Device
Package
Shipping
SPD9511B-2/TR
SMB
3000/Tape&Reel
9511B
AAYW


Similar Part No. - SPD9511B

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SPD900-9P ROITHNER-SPD900-9P Datasheet
628Kb / 2P
stem type pin-photodiode
logo
Will Semiconductor Ltd.
SPD91011W WILLSEMI-SPD91011W Datasheet
447Kb / 6P
1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
SPD91011W-2/TR WILLSEMI-SPD91011W-2/TR Datasheet
447Kb / 6P
1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
SPD9103W WILLSEMI-SPD9103W Datasheet
176Kb / 5P
1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
SPD9103W-2/TR WILLSEMI-SPD9103W-2/TR Datasheet
176Kb / 5P
1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
More results

Similar Description - SPD9511B

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
SPD4200B WILLSEMI-SPD4200B Datasheet
277Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD8811B WILLSEMI-SPD8811B Datasheet
192Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9231A WILLSEMI-SPD9231A Datasheet
162Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9231B WILLSEMI-SPD9231B Datasheet
180Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9241A WILLSEMI-SPD9241A Datasheet
187Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9251A WILLSEMI-SPD9251A Datasheet
191Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9261A WILLSEMI-SPD9261A Datasheet
335Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9321A WILLSEMI-SPD9321A Datasheet
145Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9611B WILLSEMI-SPD9611B Datasheet
497Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9811B WILLSEMI-SPD9811B Datasheet
261Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com