Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD9811B-2/TR Datasheet(PDF) 2 Page - Will Semiconductor Ltd.

Part # SPD9811B-2/TR
Description  1-Line, Bi-directional, Thyristor Surge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD9811B-2/TR Datasheet(HTML) 2 Page - Will Semiconductor Ltd.

  SPD9811B-2/TR Datasheet HTML 1Page - Will Semiconductor Ltd. SPD9811B-2/TR Datasheet HTML 2Page - Will Semiconductor Ltd. SPD9811B-2/TR Datasheet HTML 3Page - Will Semiconductor Ltd. SPD9811B-2/TR Datasheet HTML 4Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPD9811B
Will Semiconductor Ltd.
2
Revision 1.2, 2016/12/22
Electrical characteristics (TA=25
oC, unless otherwise noted)
Part Number
VDRM
IDRM
VS
1)
VBR
2)
IS
IH
VT
IT
CO
3)
V
μA
V
V
mA
mA
V
A
pF
Max.
Max.
Min.
Max.
Max.
Typ.
SPD9811B
320
1
400
330
800
150
4
2.2
50
Notes:
1)
VS is measured at 100kV/s.
2)
VBR is measured at IBR=1mA.
3)
Off-state capacitance is measured at f = 1MHz, VDC = 2V.
Surge Ratings
Notes:
1)
Current waveform.
2)
Voltage waveform.
Thermal considerations
Part Number
5/320
μs
1)
10/700
μs
2)
SPD9811B
6000V
Parameter
Symbol
Rating
Unit
Operation junction temperature
TJ
-40~150
oC
Storage temperature
TSTG
-55~150
oC
Lead temperature
TL
260
oC
Junction to ambient thermal resistance
RθJA
90
oC/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com