Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCD204 Datasheet(PDF) 1 Page - D+H Mechatronic AG

Part # VCD204
Description  Chain drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

VCD204 Datasheet(HTML) 1 Page - D+H Mechatronic AG

  VCD204 Datasheet HTML 1Page - D+H Mechatronic AG VCD204 Datasheet HTML 2Page - D+H Mechatronic AG VCD204 Datasheet HTML 3Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
24 V DC
0
100
%
VCD 204
Performance features
» For façade windows, roof windows and ventilation flaps in conservatories
» With motor electronics controlled via microprocessor
» Special chain stabilisation and centred chain outlet
» “TMS+” tandem safety function for operating 2 drives on one sash
» Option of chain stroke programming via magnet
» Reprogrammed opening stroke is transmitted to the tandem drive
» Simple connection via plug connector
» Programmable drive functions and different drive parameters
» Running speed in CLOSED direction decreases to 5 mm/s (passive closing
edge protection)
» Time-controlled reversing when an obstacle is detected in the CLOSED
direction (active closing edge protection)
Potential drive options
VCD Series   Chain drives
You can find the explanations for the icons on the last page
We reserve the right to make changes.
©2018 D+H Mechatronic AG, Ammersbek


Similar Part No. - VCD204

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
VCD204-K DH-VCD204-K Datasheet
329Kb / 3P
Chain drives
VCD204-K-TMS DH-VCD204-K-TMS Datasheet
366Kb / 3P
Chain drives
VCD204-TMS DH-VCD204-TMS Datasheet
381Kb / 3P
Chain drives
More results

Similar Description - VCD204

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
CDC-0252-0350-1-TMS DH-CDC-0252-0350-1-TMS Datasheet
195Kb / 2P
Chain drives
CDC-0252-0350-5-ACB DH-CDC-0252-0350-5-ACB Datasheet
411Kb / 3P
Chain drives
CDC-0252-0600-1-TMS DH-CDC-0252-0600-1-TMS Datasheet
143Kb / 2P
Chain drives
CDC-TW-0502-0500-1-ACB DH-CDC-TW-0502-0500-1-ACB Datasheet
423Kb / 3P
Chain drives
CDC-TW-0502-0800-1-ACB DH-CDC-TW-0502-0800-1-ACB Datasheet
420Kb / 3P
Chain drives
KA34 DH-KA34 Datasheet
425Kb / 3P
Chain drives
KA66-TW-K DH-KA66-TW-K Datasheet
327Kb / 3P
Chain drives
VCD203 DH-VCD203 Datasheet
455Kb / 3P
Chain drives
VCD204-K-TMS DH-VCD204-K-TMS Datasheet
366Kb / 3P
Chain drives
VCD204-TMS DH-VCD204-TMS Datasheet
381Kb / 3P
Chain drives
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com