Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCD204-TMS Datasheet(PDF) 2 Page - D+H Mechatronic AG

Part # VCD204-TMS
Description  Chain drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

VCD204-TMS Datasheet(HTML) 2 Page - D+H Mechatronic AG

  VCD204-TMS Datasheet HTML 1Page - D+H Mechatronic AG VCD204-TMS Datasheet HTML 2Page - D+H Mechatronic AG VCD204-TMS Datasheet HTML 3Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Supply
24 V DC / ±20 % / 0.35 A
Duty cycle
30 %
Force of pressure
200 N
Tensile force
150 N
Nominal locking force
2000 N
Service life
20000 double strokes *
OPEN running speed
6 mm/s
CLOSED running speed
6 mm/s
Type of protection
IP 30
Emission sound pressure level
LpA ≤ 70 dB(A)
Temperature range
0 °C ... +60 °C
Housing
Die-cast zinc
Surface
Powder-coated
Connection
2.5 m PVC-cable
W x H x D
480 x 30 x 47 mm
Weight
1.50 kg
Type
Art. No.
Stroke
Colour
Remark
VCD 204/350-TMS+ Set (SR)
25.122.05
350 mm
Silver (~ RAL 9006)
VCD 204/350-TMS+ Set (BK)
25.122.07
350 mm
Black (~ RAL 9005)
VCD 204/350-TMS+ Set (WH)
25.122.06
350 mm
White (~ RAL 9016)
VCD 204-PLP
25.100.00
Variable equipment possible
Brackets are not included and have to be ordered separately.
0
0
50 100 150 200 250 300 350 400
100
200
300
400
450 500
Stroke/mm
Permanent
Article also available with the following permissions under other article
numbers. Technical data may deviate.
C
US
5014068.18003
Dimensions
All specifications in mm
Specification per drive
Specification per drive
Design
* For vertical use, please consult with D+H Sales!
Pressure load diagram
Technical data
Approvals / Certificates
Find out about permission details from your D+H Partner
Status 02/2018
30
47
480
41.2
240
240



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com