Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRZ8000 Datasheet(PDF) 2 Page - D+H Mechatronic AG

Part # WRZ8000
Description  CNV control panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

WRZ8000 Datasheet(HTML) 2 Page - D+H Mechatronic AG

  WRZ8000 Datasheet HTML 1Page - D+H Mechatronic AG WRZ8000 Datasheet HTML 2Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Supply
230 V AC / 50 Hz / 30 VA
Stand‑by power
3.1 W
Output
230 V AC
Switching contact
Floating changeover contact
Type of protection
IP 50
Temperature range
‑5 °C ... +40 °C
Material
Plastic
Colour
Light grey (~ RAL 7035)
W x H x D
172 x 151 x 95 mm
Weight
1.70 kg
Type
Art. No.
WRZ 8000
30.203.30
WRZ 8000
TRL8cut-offrelaymodule
230 V AC drive
230VACventilation button
Wind/rain sensor
230VACroomtemperaturecontrol
Example of application
Design
Technical data
Status 01/2018



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com