Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905U7DN Datasheet(PDF) 3 Page - Nuvoton Technology Corporation

Part # N32905U7DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905U7DN Datasheet(HTML) 3 Page - Nuvoton Technology Corporation

  N32905U7DN Datasheet HTML 1Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 2Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 3Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 4Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 5Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 6Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
N3291xUxDN Data Sheet
- 3 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
Table of Contents
1.
GENERAL DESCRIPTION ...................................................................................................4
1.1 Applications .......................................................................................................................4
2.
FEATURES ...........................................................................................................................5
3.
PIN DIAGRAM ....................................................................................................................12
3.1 N3291xUxDN (LQFP-128) ...............................................................................................12
4.
PIN DESCRIPTION.............................................................................................................13
4.1 Pin Description ................................................................................................................13
4.2 Pin Type Description........................................................................................................26
5.
ELECTRICAL SPECIFICATION .........................................................................................27
5.1 Absolute Maximum Rating...............................................................................................27
5.2 DC Characteristics (Normal I/O) ......................................................................................27
5.3 Audio DAC Characteristics ..............................................................................................29
5.4 ADC Characteristics ........................................................................................................30
5.5 AC Characteristics (Digital Interface)...............................................................................30
5.6 Thermal characteristics of SLQFP-128 Package.............................................................31
6.
ORDERING INFORMATION...............................................................................................32
6.1 Part Number Definition ....................................................................................................32
6.2 Difference between N3291xU1DN and N32916xU2DN...................................................32
7.
PACKAGE OUTLINE..........................................................................................................33
7.1 128L LQFP (14X14X1.4mm body, 0.4mm pitch).............................................................33
8.
REVISION HISTORY ..........................................................................................................34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com