Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRM5R2N06CTF Datasheet(PDF) 5 Page - PFC Device Inc.

Part # PRM5R2N06CTF
Description  60V Single N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PRM5R2N06CTF Datasheet(HTML) 5 Page - PFC Device Inc.

  PRM5R2N06CTF Datasheet HTML 1Page - PFC Device Inc. PRM5R2N06CTF Datasheet HTML 2Page - PFC Device Inc. PRM5R2N06CTF Datasheet HTML 3Page - PFC Device Inc. PRM5R2N06CTF Datasheet HTML 4Page - PFC Device Inc. PRM5R2N06CTF Datasheet HTML 5Page - PFC Device Inc. PRM5R2N06CTF Datasheet HTML 6Page - PFC Device Inc. PRM5R2N06CTF Datasheet HTML 7Page - PFC Device Inc. PRM5R2N06CTF Datasheet HTML 8Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Characteristics
Version 4.0
5 / 8
www.pfc-device.com
PRM5R2N06CTF
Ratings and Characteristics Curves
( TA = 25℃ unless otherwise specified )
Figure 5: On-Region Characteristics
Figure 7: Typ. Capacitance Characteristics
Figure 6: Typ. RDS Variation vs. ID and VGS
Figure 8: Typ. Gate Charge Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com