Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQH201610T-R24-R Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PQH201610T-R24-R
Description  SLIM INDUCTOR-RoHS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PQH201610T-R24-R Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PQH201610T-R24-R Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PQH201610T-R24-R Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS
Your Perfect Inductor
Rev.1902
PQH201610T-R TYPE
●
FEATURE
1. Low profile and small size
2. Low DC resistance
●
Applications
1. Cell phone and other portable used
●
Shape and Dimension
●
Schematics and Land Patterns(mm)
A=2.00±0.30 m/m ; B= 1.60±0.30 m/m ; C= refer Note.8 ; D=0.60 m/m TYP.
●
Specification
Part Number
L(uH)
DCR(Ω±20%)
Isat(A) typ.
Irms(A) typ.
PQH201610T-R24□-R
0.24
0.030
4.10
3.90
PQH201610T-R47□-R
0.47
0.042
3.10
3.00
PQH201610T-1R0□-R
1.0
0.079
2.10
2.00
PQH201610T-1R5□-R
1.5
0.140
1.90
1.65
PQH201610T-2R2□-R
2.2
0.180
1.45
1.50
PQH201610T-4R7□-R
4.7
0.400
0.90
0.90
PQH201610T-6R8□-R
6.8
0.500
0.75
0.85
PQH201610T-100□-R
10
0.750
0.70
0.70
PQH201610T-220□-R
22
1.500
0.43
0.30
Note1. Measurement frequency of Inductance value : at 1MHz
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat : △L/L=30%(typ.)(This indicates the value of current when the inductances is 30% typ. lower than its
initial value at D.C. superimposition)
Note4. Irms: D.C. current when at Δt=40℃(typ.).(Ta=25℃)
Note5. Ordering Code: TYPE NAME: PQH201610T, main Inductance: 100 (10uH)
Note6. Inductance tolerance: N: ±30% ; M: ±20%
Note7. Packaging: Taping ; Quantity: 2000 Pieces/reel
Note8. Dimension C for 2 size: under 1R0 is 1.05mm MAX;above 1R0(include) is 1.00mm MAX


Similar Part No. - PQH201610T-R24-R

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PQH220 FENGJUI-PQH220 Datasheet
239Kb / 4P
SMD POWER INDUCTOR-RoHS
PQH221 FENGJUI-PQH221 Datasheet
239Kb / 4P
SMD POWER INDUCTOR-RoHS
PQH252010H-100M-R FENGJUI-PQH252010H-100M-R Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
PQH252010H-1R0M-R FENGJUI-PQH252010H-1R0M-R Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
PQH252010H-1R5M-R FENGJUI-PQH252010H-1R5M-R Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
More results

Similar Description - PQH201610T-R24-R

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PQH252010H-R FENGJUI-PQH252010H-R Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
SD5D12 FENGJUI-SD5D12 Datasheet
289Kb / 3P
SLIM INDUCTOR-RoHS
SDIA3012 FENGJUI-SDIA3012 Datasheet
201Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4030 FENGJUI-SDIA4030 Datasheet
179Kb / 3P
SLIM INDUCTOR-RoHS
SDIA5020 FENGJUI-SDIA5020 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5040 FENGJUI-SDIA5040 Datasheet
158Kb / 2P
SLIM INDUCTOR-RoHS
SDIA6012 FENGJUI-SDIA6012 Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
SDIA8020 FENGJUI-SDIA8020 Datasheet
209Kb / 2P
SLIM INDUCTOR-RoHS
TPRH2D14 FENGJUI-TPRH2D14 Datasheet
182Kb / 2P
SLIM INDUCTOR-RoHS
SD5D18 FENGJUI-SD5D18 Datasheet
288Kb / 3P
SLIM INDUCTOR-RoHS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com