Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQH252010H-R Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PQH252010H-R
Description  SLIM INDUCTOR-RoHS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PQH252010H-R Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PQH252010H-R Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PQH252010H-R Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS
Your Perfect Inductor
Rev.1
701
PQH252010H-R TYPE
●FEATURE
1. Low profile and small size
2. Low DC resistance
●Applications
1. Digital camera
2. Cell phone and other portable used
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=2.50±0.20 m/m ; B= 2.00±0.35 m/m ; C=1.00 m/m Max ; D=0.85 m/m REF. ;
E=0.80 m/m REF. ; L=2.70m/m REF. ; G=0.80 m/m REF. ; H=2.20 m/m REF.
●Specification
Part Number
L(uH)
DCR(Ω) ±30%
Isat(A) typ.
Irms(A) typ.
PQH252010H-R47N-R
0.47
0.045
3.2
2.9
PQH252010H-R68N-R
0.68
0.070
2.7
2.4
PQH252010H-1R0M-R
1.0
0.090
2.2
2.0
PQH252010H-1R5M-R
1.5
0.125
1.8
1.8
PQH252010H-2R2M-R
2.2
0.140
1.5
1.6
PQH252010H-3R3M-R
3.3
0.220
1.4
1.4
PQH252010H-4R7M-R
4.7
0.330
1.1
1.0
PQH252010H-5R6M-R
5.6
0.345
1.0
0.9
PQH252010H-6R8M-R
6.8
0.400
0.8
0.8
PQH252010H-100M-R
10
0.560
0.7
0.6
Note1. Measurement frequency of Inductance value : at 1MHz
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat : △L/L=30%(typ.)(This indicates the value of current when the inductances is 30% typ. lower than its
initial value at D.C. superimposition)
Note4. Irms:D.C. current when at ∆t=40℃(typ.).(Ta=25℃)
Note5. Ordering Code: TYPE NAME: PQH252010H


Similar Part No. - PQH252010H-R

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PQH252012H-100-R FENGJUI-PQH252012H-100-R Datasheet
164Kb / 2P
SLIM INDUCTOR-RoHS
PQH252012H-150-R FENGJUI-PQH252012H-150-R Datasheet
164Kb / 2P
SLIM INDUCTOR-RoHS
PQH252012H-1R0-R FENGJUI-PQH252012H-1R0-R Datasheet
164Kb / 2P
SLIM INDUCTOR-RoHS
PQH252012H-1R5-R FENGJUI-PQH252012H-1R5-R Datasheet
164Kb / 2P
SLIM INDUCTOR-RoHS
PQH252012H-2R2-R FENGJUI-PQH252012H-2R2-R Datasheet
164Kb / 2P
SLIM INDUCTOR-RoHS
More results

Similar Description - PQH252010H-R

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
S3D18P FENGJUI-S3D18P Datasheet
160Kb / 3P
SLIM INDUCTOR-RoHS
SD5D12 FENGJUI-SD5D12 Datasheet
289Kb / 3P
SLIM INDUCTOR-RoHS
SDIA3012 FENGJUI-SDIA3012 Datasheet
201Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4030 FENGJUI-SDIA4030 Datasheet
179Kb / 3P
SLIM INDUCTOR-RoHS
SDIA5020 FENGJUI-SDIA5020 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5040 FENGJUI-SDIA5040 Datasheet
158Kb / 2P
SLIM INDUCTOR-RoHS
SDIA6012 FENGJUI-SDIA6012 Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
SDIA8020 FENGJUI-SDIA8020 Datasheet
209Kb / 2P
SLIM INDUCTOR-RoHS
TPRH2D14 FENGJUI-TPRH2D14 Datasheet
182Kb / 2P
SLIM INDUCTOR-RoHS
SD5D18 FENGJUI-SD5D18 Datasheet
288Kb / 3P
SLIM INDUCTOR-RoHS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com