Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRB7028 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # SCRB7028
Description  SMD POWER INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

SCRB7028 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  SCRB7028 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. SCRB7028 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR
Your Perfect Inductor
V1701
SCRB 7028 TYPE
●FEATURE
1. High current capacity and Low DCR
2. High heat resistance, ideal for reflow solding
●Applications
1. Portable telephone, Personal Computer
2. Hard Disk drives, and other electronic equipment
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=7.00±0.20m/m ; D=2.80±0.20m/m ; C=2.00±0.10m/m ;E=4.90m/m REF. ; F=0.90m/m REF.
●Specification
Part Number
L(uH)
DCR(ΩMax)
IDC(A)(Max)
SCRB7028-6R8M
6.8±20%
0.0708
1.30
SCRB7028-100M
10±20%
0.0996
1.10
SCRB7028-120M
12±20%
0.1320
0.95
SCRB7028-150M
15±20%
0.1560
0.88
SCRB7028-180M
18±20%
0.1920
0.80
SCRB7028-220M
22±20%
0.2160
0.75
SCRB7028-330M
33±20%
0.2880
0.65
Note1. Measurement frequency of Inductance value : at 1KHz, 0.25V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. IDC : △L/L≦30%
(This indicates the value of current when the inductances is 30% lower than its initial
value at D.C. superimposition or D.C. current when at ∆t=40℃,which is lower.(Ta=20℃))
Note4. Inductance tolerance: M: ±20%
6.40
4.90
2.20


Similar Part No. - SCRB7028

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
SCRB7030 FENGJUI-SCRB7030 Datasheet
146Kb / 2P
SMD POWER INDUCTOR-RoHS
SCRB7030-100M FENGJUI-SCRB7030-100M Datasheet
146Kb / 2P
SMD POWER INDUCTOR-RoHS
SCRB7030-101M FENGJUI-SCRB7030-101M Datasheet
146Kb / 2P
SMD POWER INDUCTOR-RoHS
SCRB7030-150M FENGJUI-SCRB7030-150M Datasheet
146Kb / 2P
SMD POWER INDUCTOR-RoHS
SCRB7030-220M FENGJUI-SCRB7030-220M Datasheet
146Kb / 2P
SMD POWER INDUCTOR-RoHS
More results

Similar Description - SCRB7028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com