Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRB7030 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # SCRB7030
Description  SMD POWER INDUCTOR-RoHS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

SCRB7030 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  SCRB7030 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. SCRB7030 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
SCRB 7030 TYPE
●FEATURE
1. High current capacity and Low DCR
2. High heat resistance, ideal for reflow solding
●Applications
1. Portable telephone, Personal Computer
2. Hard Disk drives, and other electronic equipment
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=7.00±0.20m/m ; D=3.00±0.20m/m ; C=2.00±0.10m/m ;E=4.90m/m REF. ; F=0.90m/m REF.
●Specification
Part Number
L(uH)
DCR(±20%Ω)
IDC(A)
SCRB7030-3R3M
3.3±20%
0.023
1.80
SCRB7030-4R7M
4.7±20%
0.036
1.60
SCRB7030-6R8M
6.8±20%
0.041
1.50
SCRB7030-100M
10±20%
0.053
1.30
SCRB7030-150M
15±20%
0.084
1.00
SCRB7030-220M
22±20%
0.110
0.86
SCRB7030-330M
33±20%
0.160
0.65
SCRB7030-470M
47±20%
0.240
0.57
SCRB7030-680M
68±20%
0.310
0.49
SCRB7030-101M
100±20%
0.450
0.35
Note1. Measurement frequency of Inductance value : at 1KHz, 0.25V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. IDC : △L/L≦20%
(This indicates the value of current when the inductances is 20% lower than its initial
value at D.C. superimposition or D.C. current when at ∆t=40℃,which is lower.(Ta=20℃))
Note4. Inductance tolerance: M: ±20%
Note5. Packaging: Taping ; Quantity: 1000 Piece/reel
MARKING
E
A
D
F
2.2RE F


Similar Part No. - SCRB7030

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
SCRB7032 FENGJUI-SCRB7032 Datasheet
222Kb / 2P
SMD POWER INDUCTOR-RoHS
SCRB7032-100M FENGJUI-SCRB7032-100M Datasheet
222Kb / 2P
SMD POWER INDUCTOR-RoHS
SCRB7032-101M FENGJUI-SCRB7032-101M Datasheet
222Kb / 2P
SMD POWER INDUCTOR-RoHS
SCRB7032-150M FENGJUI-SCRB7032-150M Datasheet
222Kb / 2P
SMD POWER INDUCTOR-RoHS
SCRB7032-151M FENGJUI-SCRB7032-151M Datasheet
222Kb / 2P
SMD POWER INDUCTOR-RoHS
More results

Similar Description - SCRB7030

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com