Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54003L Datasheet(PDF) 4 Page - STMicroelectronics

Part # PD54003L
Description  RF POWER TRANSISTORS The LdmoST PLASTIC FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54003L Datasheet(HTML) 4 Page - STMicroelectronics

  PD54003L Datasheet HTML 1Page - STMicroelectronics PD54003L Datasheet HTML 2Page - STMicroelectronics PD54003L Datasheet HTML 3Page - STMicroelectronics PD54003L Datasheet HTML 4Page - STMicroelectronics PD54003L Datasheet HTML 5Page - STMicroelectronics PD54003L Datasheet HTML 6Page - STMicroelectronics PD54003L Datasheet HTML 7Page - STMicroelectronics PD54003L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PD54003L
4/8
Efficiency Vs Bias Current
10
20
30
40
50
60
70
0
50
100
150
200
250
300
350
400
450
500
Idq (mA)
f = 500 MHz
Vds = 7.5 V
Pin= 15 dBm
TYPICAL PERFORMANCE
Output Power Vs Supply Voltage
0
1
2
3
4
5
6
7
8
56
78
9
10
Vds (V)
Idq = 50 mA
Pin = 15 dBm
f = 500 MHz
Output Power Vs Gate-Source Voltage
0
1
2
3
4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Vgs (V)
Pin = 15 dBm
Vdd = 7.5 V
f = 500 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com