Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD5D12-R47M Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # SD5D12-R47M
Description  SLIM INDUCTOR-RoHS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

SD5D12-R47M Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  SD5D12-R47M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. SD5D12-R47M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. SD5D12-R47M Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. SD5D12-R47M Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD. SD5D12-R47M Datasheet HTML 5Page - FENGJUI TECHNOLOGY CO., LTD. SD5D12-R47M Datasheet HTML 6Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS
Your Perfect Inductor
Rev.1301
SD5D□□ TYPE
●FEATURE
1. Low profile and small size
2. Low DC resistance
3. Magnetic Shielding type
●Applications
1. LCD panels
2. Digital camera,PDA and others portable
●Shape and Dimension
●Schematics and Land Patterns(mm)
●Specification
Dimension in m/m
TYPE
A
D
E
SD5D12
5.30MAX
1.20MAX
1.50
SD5D14
5.30MAX
1.45MAX
1.50
SD5D18
5.30MAX
1.80MAX
1.50
SD5D20
5.30MAX
2.00MAX
1.50
SD5D25
5.30MAX
2.50MAX
1.50
Note1. Measurement frequency of Inductance value : at 100KHz, 0.1V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 30% from its value without current
Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient
Note5. Inductance tolerance: M: ±20%
Note6. Ordering Code: TYPE NAME: SD5D□□
Main Inductance: 100 (10uH)
Tolerance : M (±20%)
Note7. This specification might be changed without notice due to under developing and improving.
Thank you for your understanding.
A
Black
marking
BOTTOM VIEW
TOP VIEW
A
PIN 2
SIDE VIEW
D
PIN 1
PIN 1
PIN 2
100
2.575
2.975
5.95
5.15
1.0
R2.250


Similar Part No. - SD5D12-R47M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
SD5D12-R47M FENGJUI-SD5D12-R47M Datasheet
289Kb / 3P
SLIM INDUCTOR-RoHS
More results

Similar Description - SD5D12-R47M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PQH252010H-R FENGJUI-PQH252010H-R Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
SD5D12 FENGJUI-SD5D12 Datasheet
289Kb / 3P
SLIM INDUCTOR-RoHS
SDIA3012 FENGJUI-SDIA3012 Datasheet
201Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4030 FENGJUI-SDIA4030 Datasheet
179Kb / 3P
SLIM INDUCTOR-RoHS
SDIA5020 FENGJUI-SDIA5020 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5040 FENGJUI-SDIA5040 Datasheet
158Kb / 2P
SLIM INDUCTOR-RoHS
SDIA6012 FENGJUI-SDIA6012 Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
SDIA8020 FENGJUI-SDIA8020 Datasheet
209Kb / 2P
SLIM INDUCTOR-RoHS
TPRH2D14 FENGJUI-TPRH2D14 Datasheet
182Kb / 2P
SLIM INDUCTOR-RoHS
SD5D18 FENGJUI-SD5D18 Datasheet
288Kb / 3P
SLIM INDUCTOR-RoHS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com