Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD5D20-R47N Datasheet(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # SD5D20-R47N
Description  SLIM INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

SD5D20-R47N Datasheet(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

  SD5D20-R47N Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. SD5D20-R47N Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. SD5D20-R47N Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS
Your Perfect Inductor
Rev.1801
Part Number
L
(uH)
Marking
DCR
(ΩTyp.)
Isat
(A)
Irms
(A)
SD5D20-101M
100±20%
101
1.06
0.283
0.495
SD5D20-151M
150±20%
151
1.37
0.228
0.435
SD5D20-221M
220±20%
221
2.04
0.188
0.356
SD5D20-331M
330±20%
331
2.99
0.155
0.294
SD5D20-471M
470±20%
471
3.74
0.129
0.263
SD5D20-681M
680±20%
681
5.56
0.107
0.216
SD5D20-821M
820±20%
821
6.22
0.098
0.204
SD5D20-102M
1000±20%
102
8.73
0.088
0.172
Note1. Measurement frequency of Inductance value : at 100KHz
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 30% from its value without current
Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient
Note5.Packaging: Taping ; Quantity: 1000 Pieces/reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com