Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDIA5030-R47N Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # SDIA5030-R47N
Description  SLIM INDUCTOR-RoHS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

SDIA5030-R47N Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  SDIA5030-R47N Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. SDIA5030-R47N Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
SDIA5030 TYPE
●FEATURE
1. Low profile and small size (Height: 3.00mm Max)
●Applications
1. LCD panels
2. Digital camera , PDA and others
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=5.00±0.40m/m ; B=3.00 m/m Max(do not include solder) ; C= 2.00m/m REF
●Specification
Part Number
L(uH)
STAMP
DCR(Ω±30%)
Isat(A)
Irms
SDIA5030-R47N
0.47
R47
0.010
9.00
5.00
SDIA5030-1R0N
1.0
1R0
0.015
6.60
4.00
SDIA5030-2R2N
2.2
2R2
0.023
4.20
3.50
SDIA5030-3R3M
3.3
3R3
0.030
3.60
3.00
SDIA5030-4R7M
4.7
4R7
0.035
3.10
2.60
SDIA5030-6R8M
6.8
6R8
0.052
2.50
2.30
SDIA5030-100M
10
100
0.070
2.10
1.70
SDIA5030-150M
15
150
0.125
1.60
1.40
SDIA5030-220M
22
220
0.180
1.40
1.05
SDIA5030-330M
33
330
0.300
1.15
0.80
SDIA5030-470M
47
470
0.450
0.95
0.70
Note1. Measurement frequency of Inductance value : at 100KHz, 0.25V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Inductance Tolerance: N: ±30% ; M: ±20%
Note4. Isat : △L/L≦30%(This indicates the value of current when the inductances is 30% lower than its initial
value at D.C. superimposition)
Note5. Irms : D.C. current when at ∆t=40℃(typ.).(Ta=25℃)
Note6.Packaging: Taping ; Quantity: 2000 Pieces/reel


Similar Part No. - SDIA5030-R47N

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
SDIA5020 FENGJUI-SDIA5020 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5020-100 FENGJUI-SDIA5020-100 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5020-150 FENGJUI-SDIA5020-150 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5020-1R0 FENGJUI-SDIA5020-1R0 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5020-1R5 FENGJUI-SDIA5020-1R5 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
More results

Similar Description - SDIA5030-R47N

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PQH252010H-R FENGJUI-PQH252010H-R Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
SD5D12 FENGJUI-SD5D12 Datasheet
289Kb / 3P
SLIM INDUCTOR-RoHS
SDIA3012 FENGJUI-SDIA3012 Datasheet
201Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4030 FENGJUI-SDIA4030 Datasheet
179Kb / 3P
SLIM INDUCTOR-RoHS
SDIA5020 FENGJUI-SDIA5020 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5040 FENGJUI-SDIA5040 Datasheet
158Kb / 2P
SLIM INDUCTOR-RoHS
SDIA6012 FENGJUI-SDIA6012 Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
SDIA8020 FENGJUI-SDIA8020 Datasheet
209Kb / 2P
SLIM INDUCTOR-RoHS
TPRH2D14 FENGJUI-TPRH2D14 Datasheet
182Kb / 2P
SLIM INDUCTOR-RoHS
SD5D18 FENGJUI-SD5D18 Datasheet
288Kb / 3P
SLIM INDUCTOR-RoHS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com