Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDIA6045-331M Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # SDIA6045-331M
Description  SMD POWER INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

SDIA6045-331M Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  SDIA6045-331M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. SDIA6045-331M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. SDIA6045-331M Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1702
SDIA6045 TYPE
●FEATURE
1. Low profile (Height: 4.50mm Max)
2. Low DC resistance
●Applications
1. LCD panels
2. Digital camera , PDA and others
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=6.00±0.40m/m ; B=6.00±0.40m/m ; C=4.50m/m Max.
●Specification
Part Number
L(uH)
Marking
DCR(mΩ±30%)
Isat(A)
Irms(A)
SDIA6045-1R0N
1.0±30%
1R0
12.0
12.2
6.50
SDIA6045-1R8N
1.8±30%
1R8
17.0
9.60
5.60
SDIA6045-2R2N
2.2±30%
2R2
19.0
8.80
5.00
SDIA6045-3R3N
3.3±30%
3R3
24.0
7.50
4.30
SDIA6045-4R7M
4.7±20%
4R7
31.0
6.70
3.90
SDIA6045-5R1M
5.1±20%
5R1
33.0
6.00
3.50
SDIA6045-6R8M
6.8±20%
6R8
43.0
5.30
3.20
SDIA6045-8R2M
8.2±20%
8R2
50.0
4.60
2.70
SDIA6045-100M
10±20%
100
57.0
4.50
2.70
SDIA6045-150M
15±20%
150
80.0
3.40
2.20
SDIA6045-220M
22±20%
220
125.0
3.00
1.90
SDIA6045-270M
27±20%
270
160.0
2.50
1.40
SDIA6045-330M
33±20%
330
180.0
2.30
1.30
SDIA6045-470M
47±20%
470
245.0
1.90
1.20
SDIA6045-680M
68±20%
680
330.0
1.60
1.00
SDIA6045-101M
100±20%
101
600.0
1.30
0.80
SDIA6045-331M
330±20%
331
1800.0
0.70
0.35
SDIA6045-102M
1000±20%
102
6000.0
0.40
0.22
2.00REF
2.15REF


Similar Part No. - SDIA6045-331M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
SDIA6010 FENGJUI-SDIA6010 Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
SDIA6010-100M FENGJUI-SDIA6010-100M Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
SDIA6010-2R2M FENGJUI-SDIA6010-2R2M Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
SDIA6010-3R3M FENGJUI-SDIA6010-3R3M Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
SDIA6010-4R7M FENGJUI-SDIA6010-4R7M Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
More results

Similar Description - SDIA6045-331M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1807 FENGJUI-ANB1807 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com