Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67DW-R3 Datasheet(PDF) 1 Page - Yuan Dean Scientific., Co, LTD.

Part # 67DW-R3
Description  DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

67DW-R3 Datasheet(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

  67DW-R3 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 67DW-R3 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC-DC Converter
67DW-R3 SERIES
15Watt 1.5KV Isolated
4:1 Input Voltage Range
Single & Dual Output
2”
x 1”
YUAN DEAN SCIENTIFIC
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:o 2018/10/31
67DW-R3 SERIES
Temperature Derating Graph
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Types
4:1
Filter
Pi TYPE
Specifications typical at TA=25°C, nominal input voltage and
rated output current unless otherwise specified
Part Number
Input
Voltage
Input
Current
Output
Voltage
Output
Current
Efficiency
Capacitor
Load
Vdc
No-
Load
(mA
TYP)
Full
Load
(mA
TYP)
Vdc
Full Load
(mA)
%TYP
uF MAX
67DW-24S03R3
9-36
60
663
3.3
4000
83
3300
67DW-24S05R3
9-36
60
727
5
3000
86
3300
67DW-24S12R3
9-36
40
727
12
1250
86
330
67DW-24S15R3
9-36
20
727
15
1000
86
330
67DW-24D05R3
9-36
70
754
±5
±1500
83
±2000
67DW-24D12R3
9-36
40
726
±12
±625
86
±330
67DW-24D15R3
9-36
40
726
±15
±500
86
±330
67DW-48S03R3
18-75
30
331
3.3
4000
83
5600
67DW-48S05R3
18-75
30
363
5
3000
86
5600
67DW-48S12R3
18-75
30
363
12
1250
86
680
67DW-48S15R3
18-75
30
363
15
1000
86
680
67DW-48D05R3
18-75
30
377
±5
±1500
83
±3300
67DW-48D12R3
18-75
30
363
±12
±625
86
±220
67DW-48D15R3
18-75
30
363
±15
±500
86
±220
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
Full load@Vin(nom.)
±2
%
Short Circuit
Protection
Hiccup,
automatic recovery
Line Regulation
±0.5
%
Load Regulation
S
ingle
Dual(Balance Load)
±0.5
±1.0
%
Cross Regulation
Dual (25% to 100% Load)
±5
%
Ripple & Noise
Output:3-15V TYPES
BW=DC To 20MHz
100
mVp-p
Output > 15V TYPES
BW=DC To 20MHz
1% of Vout
mVp-p
Transient response
setting time
25% load step change
300
us
FEATURES:
15 Watt Package
4:1Wide Input Voltage
100% Burned In
High Efficiency To 86%
Customized Solutions Available
Remote Control:On/Off
UL94V-0 Package Material
Operating Temperature:-40℃ TO +85℃
3 Years Warranty


Similar Part No. - 67DW-R3

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
67DW-24D05RNL YUANDEAN-67DW-24D05RNL Datasheet
357Kb / 2P
DC-DC Converter
67DW-24D09RNL YUANDEAN-67DW-24D09RNL Datasheet
357Kb / 2P
DC-DC Converter
67DW-24D12RNL YUANDEAN-67DW-24D12RNL Datasheet
357Kb / 2P
DC-DC Converter
67DW-24D15RNL YUANDEAN-67DW-24D15RNL Datasheet
357Kb / 2P
DC-DC Converter
67DW-24S05RNL YUANDEAN-67DW-24S05RNL Datasheet
357Kb / 2P
DC-DC Converter
More results

Similar Description - 67DW-R3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com