Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP41110DB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP41110DB
Description  Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41110DB Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP41110DB Datasheet HTML 1Page - Vishay Siliconix SIP41110DB Datasheet HTML 2Page - Vishay Siliconix SIP41110DB Datasheet HTML 3Page - Vishay Siliconix SIP41110DB Datasheet HTML 4Page - Vishay Siliconix SIP41110DB Datasheet HTML 5Page - Vishay Siliconix SIP41110DB Datasheet HTML 6Page - Vishay Siliconix SIP41110DB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SiP41109/41110
Vishay Siliconix
New Product
Document Number: 73023
S-51104—Rev. A, 13-Jun-05
www.vishay.com
3
SPECIFICATIONSa
Limits
Test Conditions Unless Specified
VCC = 12 V, VBOOT − VPHASE = 8 V
TA = −40 to 85_C
Parameter
Unit
Maxa
Typb
Mina
Test Conditions Unless Specified
VCC = 12 V, VBOOT − VPHASE = 8 V
TA = −40 to 85_C
Symbol
MOSFET Drivers
High Side Driver Impedance
RDH(source)
VBOOT VPHASE = 8 V PHASE = GND
2.3
4.2
High-Side Driver Impedance
RDH(sink)
VBOOT − VPHASE = 8 V, PHASE = GND
1.9
3.5
RDL(source)
VPVCC = 8 V
SiP41110
2.9
5.2
W
Low Side Driver Impedance
RDL(sink)
VPVCC = 8 V
SiP41110
1.3
2.4
W
Low-Side Driver Impedance
RDL(source)
VPVCC = 12 V
SiP41109
2.4
4.3
RDL(sink)
VPVCC = 12 V
SiP41109
1.2
2.2
High-Side Rise Time
trH
10% − 90% VBOOT − VPHASE = 8 V CLOAD = 3 nF
45
High-Side Fall Time
tfH
10% − 90%, VBOOT − VPHASE = 8 V, CLOAD = 3 nF
35
High-Side Rise Time Bypass
10% − 90% VBOOT − VPHASE = 12 V CLOAD = 3 nF
45
High-Side Fall Time Bypass
10% − 90%, VBOOT − VPHASE = 12 V, CLOAD = 3 nF
35
High Side Propagation Delayc
td(off)H
See Timing Waveforms
15
High-Side Propagation Delayc
td(on)H
See Timing Waveforms
15
Low Side Rise Time
t L
10% − 90%, VBOOT − VPHASE = 8 V
CLOAD = 3 nF
SiP41110
40
ns
Low-Side Rise Time
trL
10% − 90%, VBOOT − VPHASE = 12 V
CLOAD = 3 nF
SiP41109
40
ns
Low Side Fall Time
tfL
10% − 90%, VBOOT − VPHASE = 8 V
CLOAD = 3 nF
SiP41110
30
Low-Side Fall Time
tfL
10% − 90%, VBOOT − VPHASE = 12 V
CLOAD = 3 nF
SiP41109
30
Low Side Propagation Delay
td(off)L
See Timing Waveforms
15
Low-Side Propagation Delay
td(on)L
See Timing Waveforms
15
PHASE Timer
PHASE Falling Timeoutc
tPHASE
380
ns
PVCC Regulator
Output Voltage
PVCC
7.6
8
8.4
V
Output Current
IPVCC
80
100
mA
Current Limit
ILIM
VDRV = 0 V
120
200
280
mA
Line Regulation
LNR
VCC = 10.8 V to 13.2 V
0.05
0.5
%/V
Load Regulation
LDR
5 mA to 80 mA
0.1
1.0
%
PVCC Regulator UVLO
PVCC Rising
VUVLO2
6.7
7.2
V
PVCC Falling
VUVLO2
6.4
6.9
V
Hysteresis
Hyst
100
300
500
mV
High-Side Undervoltage Lockout
Threshold
VUVHS
Rising or Falling
2.5
3.35
4.0
V
VCC Undervoltage Lockout
Threshold
VUVLO1
5.0
5.3
5.6
V
Power on Reset Time
POR
2.5
ms
Thermal Shutdown
Temperature
TSD
Temperature Rising
165
_C
Hysteresis
TH
Temperature Falling
25
_C
Notes
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing and are measured at VCC = 12 V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com