Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, up to 832 Kbytes Flash memory and up to 68 Kbytes RAM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 2 Page - STMicroelectronics

  ST10F276 Datasheet HTML 1Page - STMicroelectronics ST10F276 Datasheet HTML 2Page - STMicroelectronics ST10F276 Datasheet HTML 3Page - STMicroelectronics ST10F276 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ordering information
ST10F276, ST10F273
2/4
1
Ordering information
Table 1.
Ordering information
1.1
ST10F276/ST10F273 compatibility
The only differences between ST10F276 and ST10F273 devices are the embedded Flash and
RAM resources:
Flash Memory: ST10F276 includes 832 Kbytes of on-chip single voltage Flash divided into
four banks allowing for Read-While-Write Operation. Two banks are mapped on the internal 32-
bit bus (IFLASH) and the two others are mapped on 16-bit XBUS (XFLASH).
In ST10F273 devices the XFLASH banks are not available. As a consequence, only the
standard ST10 bootstrap mode can be used (no Alternate Boot Mode).
RAM: The ST10F273 includes 68 Kbytes of on-chip RAM, divided into 3 blocks: 2 Kbytes IRAM
dual-ported RAM block, 2 Kbytes XRAM1 extension RAM block and 64KBytes XRAM2
extension RAM block.
In ST10F273 devices the XRAM2 on-chip extension RAM block is reduced to 32 Kbytes.
Note:
There is no built-in feature to allow software to detect if the device is an F276 or an F273. The
missing memory in the ST10F273 can be seen as regular memory. If you wish make two
assemblies of the same PCB with the ST10F276 and ST10F276, we advise to put a pull-up
resistor on an I/O to differentiate the two configurations by software.
Table 2.
XFLASH Blocks User Mode Size
Table 3.
XRAM Blocks User Mode Size
Part Number
Iflash
Xflash
RAM
Temperature range
Package
ST10F276Z5Q3
512KB
320KB
68KB
40/+125
PQFP144
ST10F276Z5T3
512KB
320KB
68KB
40/+125
TQFP144
ST10F273Z4Q3
512KB
No
32KB
40/+125
PQFP144
ST10F273Z4T3
512KB
No
32KB
40/+125
TQFP144
Block
Address
ST10F276
ST10F273
B2F0
09'0000h - 09'FFFFh
64KB
Reserved
B2F1
0A'0000h - 0A'FFFFh
64KB
Reserved
B2F2
0B'0000h - 0B'FFFFh
64KB
Reserved
B3F0
0C'0000h - 0C'FFFFh
64KB
Reserved
B3F1
0D'0000h - 0D'FFFFh
64KB
Reserved
CTRL Registers
0E'0000h - 0E'FFFFh
64KB
Reserved
Block
Address
ST10F276
ST10F273
XRAM1 - 2KB
00'E000h - 00'E7FFh
2KB
2KB
XRAM2 - Standby RAM - 16KB
0F'0000h - 0F'3FFFh
16KB
16KB
XRAM2 - Following 16KB
0F'4000h - 0F'7FFh
16KB
16KB
XRAM2 - Following 32KB
0F'8000h - 0F'FFFFh
32KB
reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com