Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB0899 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB0899
Description  Multistandard advance demodulator STB0899 Digital TV satellite set-top boxes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB0899 Datasheet(HTML) 2 Page - STMicroelectronics

  STB0899 Datasheet HTML 1Page - STMicroelectronics STB0899 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STB0899
2/2
FEATURES
■
DVB-Q2 demodulator and decoder
– QPSK, 8PSK, 4 + 12 APSK
– Hierarchical 8PSK enhanced processor
– DVB-S2 pilot processing
– LDPC and BCH decoding
– Supports all DVB-S2 bit rates
– DVB-S2 framing
■
Legacy support for DVB-S and DIRECTV®
QPSK modes
■
Digital carrier and timing recovery loops
■
Compatible with direct conversion tuners
– Dual 8-bit analogue conversion
–Dual
Σ∆ digital split AGC RF/BB
– Wide range carrier tracking loop
– Flexible clock generation
■
Transport decoder
– Compliant with DVB common interface
– 12-bit parallel and 7-bit serial interface
■
DiSEqC 2.0 22 kHz to 100 kHz interface
■
TQPFP 100 exposed pad package
PART NUMBERING
Table 1. Order codes
REVISION HISTORY
Table 2. Revision history
Part Number
Description
STB0899
DVB-S2
demodulator
EVALDVBS2
Evaluation board
Date
Revision
Description of changes
December-2004
1
First issue
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics.
All other names are the property of their respective owners
© 2004 STMicroelectronics - All rights reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com