Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3R06RL Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH3R06RL
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3R06RL Datasheet(HTML) 2 Page - STMicroelectronics

  STTH3R06RL Datasheet HTML 1Page - STMicroelectronics STTH3R06RL Datasheet HTML 2Page - STMicroelectronics STTH3R06RL Datasheet HTML 3Page - STMicroelectronics STTH3R06RL Datasheet HTML 4Page - STMicroelectronics STTH3R06RL Datasheet HTML 5Page - STMicroelectronics STTH3R06RL Datasheet HTML 6Page - STMicroelectronics STTH3R06RL Datasheet HTML 7Page - STMicroelectronics STTH3R06RL Datasheet HTML 8Page - STMicroelectronics STTH3R06RL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STTH3R06
2/9
Table 3: Absolute Ratings (limiting values)
Table 4: Thermal Parameters
Table 5: Static Electrical Characteristics
To evaluate the conduction losses use the following equation: P = 1.03 x IF(AV) + 0.09 IF
2
(RMS)
Table 6: Dynamic Characteristics
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS) RMS forward voltage
10
A
IF(AV)
Average forward current
δ = 0.5
DO-201AD
Tl = 80°C
3
A
SMB
Tl = 55°C
SMC
Tl = 80°C
IFSM
Surge non repetitive forward current
DO-201AD
tp = 10ms
sinusoidal
55
A
SMB / SMC
45
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
Symbol
Parameter
Maximum
Unit
Rth(j-l)
Junction to lead
DO-201AD
L = 10 mm
20
°C/W
SMB
25
SMC
20
Rth(j-a)
Junction to ambient (see fig. 13)
DO-201AD
L = 10 mm
75
°C/W
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
Reverse leakage current
Tj = 25°C
VR = VRRM
3µA
Tj = 150°C
15
100
VF
Forward voltage drop
Tj = 25°C
IF = 3A
1.7
V
Tj = 150°C
1.0
1.25
Symbol
Parameter
Test conditions
Min.
Typ Max.
Unit
trr
Reverse recovery
time
Tj = 25°C IF = 0.5A IRR = 0.25A IR = 1A
30
ns
IF = 1A dIF/dt = -50 A/µs VR =30V
35
tfr
Forward recovery
time
Tj = 25°C IF = 3A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
100
ns
VFP
Forward recovery
voltage
IF = 3A
dIF/dt = 100 A/µs
10
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com