Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP4210-4R7M-R Datasheet(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TP4210-4R7M-R
Description  SLIM INDUCTOR-RoHS & HF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TP4210-4R7M-R Datasheet(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

  TP4210-4R7M-R Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TP4210-4R7M-R Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS & HF
Your Perfect Inductor
Rev.1701
GENERAL CHARACTERISTICS
1. Operating temperature range: -40 TO + 105 (Includes temperature when the coil is heated)
2. External appearance: On visual inspection, the coil has no external defects.
3. Terminal strength: After soldering. Between copper plate and terminals of coil. Push in two directions of X.Y
withstanding at below conditions.
Terminal should not peel off. (refer to figure at right) 5. 0N 60 sec.
4. Insulating resistance: Over 100MΩ at 100V D.C. between coil and core.
5. Dielectric strength: No dielectric breakdown at 100V D.C. for 1 minute between coil and core.
6. Temperature characteristics: Inductance coefficient (0~2,000)x10-6/℃(-25~+80℃ degree Celsius), inductance
deviation within±5.0%, after 96 hours.
7. Humidity characteristics(Moisture Resistance): Inductance deviation within ±5%, after 96 hours in 90~95%
relative humidity at 40 ±2℃and 1 hour drying under normal condition.
8. Vibration resistance: Inductance deviation within ±5%, after vibration for 1 hour. In each of three orientations at
sweep vibration (10~55~10 Hz) with 1.5mm P-P amplitudes.
9. Shock resistance: Inductance deviation within ±5%, after being dropped once with 981m/s2 (100G) shock
attitude upon a rubber block method shock testing machine, in three different orientations.
10. Resistance to Soldering Heat: 260℃, 10 seconds(See attached recommend reflow)
11. Storage condition: Temperature Range: 0℃ ~ 35℃;-40℃ ~ 105℃ (after PCB),Humidity Range: 50% ~
70% RH
12. Use components within 12 months. If 12 months or more have elapsed, check solderability before use.
13. Reflow profile recommend:
26 0
23 0
10
60
300
250
200
150
100
50
0
T( )
T (s
300
24 0
18 0
12 0
60
0
L e a d -f re e h e a t e n d u ra n ce t e s t
245℃ Peak
230℃
40
170±10℃,60-120S
300
250
200
150
100
50
0
T()
T(s)
300
240
180
120
60
0
Lead-free the recommended reflow condition



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com