Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP4210-6R8M-R Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TP4210-6R8M-R
Description  SLIM INDUCTOR-RoHS & HF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TP4210-6R8M-R Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  TP4210-6R8M-R Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TP4210-6R8M-R Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS & HF
Your Perfect Inductor
Rev.1701
TP 4210-R TYPE
●FEATURE
1. Low profile and small size (Height: 1.00mm Max)
2. High current capacity, Large terminal surface for good PCB bonding
●Applications
1. Digital Camera, Portable CDR-W, Camcorder and others
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=4.10±0.10m/m ; B=3.75±0.20m/m ; C=1.00m/m Max
●Specification
Part Number
L(uH)
Marking
DCR(Ω Max)
IDC(A)(Max)
TP4210-1R0M-R
1.0±20%
0.120
3.00
TP4210-2R2M-R
2.2±20%
0.180
2.40
TP4210-3R3M-R
3.3±20%
0.216
1.80
TP4210-4R7M-R
4.7±20%
0.252
1.45
TP4210-5R6M-R
5.6±20%
0.336
1.35
TP4210-6R8M-R
6.8±20%
0.360
1.20
TP4210-8R2M-R
8.2±20%
0.432
1.15
TP4210-100M-R
10±20%
0.456
1.05
TP4210-150M-R
15±20%
0.750
0.90
TP4210-220M-R
22±20%
1.044
0.70
TP4210-330M-R
33±20%
1.848
0.55
TP4210-470M-R
47±20%
2.172
0.45
Note1. Measurement frequency of Inductance value : at 1MHz
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. IDC : △L/L≦20%(This indicates the value of current when the inductances is 20% lower than its initial
value at D.C. superimposition or D.C. current when at ∆t=40℃,which is lower.(Ta=20℃))
Note4. Inductance tolerance: M: ±20%
Note5. Packaging: Taping ; Quantity : 1000 Piece/reel
A
B
C
D
E
F
G
H
I
J
K
L
C
B
Black
Marking
EPOXY
3.70REF
mold


Similar Part No. - TP4210-6R8M-R

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TP4212-100M-R FENGJUI-TP4212-100M-R Datasheet
124Kb / 2P
SLIM INDUCTOR-RoHS & HF
TP4212-150M-R FENGJUI-TP4212-150M-R Datasheet
124Kb / 2P
SLIM INDUCTOR-RoHS & HF
TP4212-1R0M-R FENGJUI-TP4212-1R0M-R Datasheet
124Kb / 2P
SLIM INDUCTOR-RoHS & HF
TP4212-220M-R FENGJUI-TP4212-220M-R Datasheet
124Kb / 2P
SLIM INDUCTOR-RoHS & HF
TP4212-2R2M-R FENGJUI-TP4212-2R2M-R Datasheet
124Kb / 2P
SLIM INDUCTOR-RoHS & HF
More results

Similar Description - TP4210-6R8M-R

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TP4212-1R0M-R FENGJUI-TP4212-1R0M-R Datasheet
124Kb / 2P
SLIM INDUCTOR-RoHS & HF
SD5D14 FENGJUI-SD5D14 Datasheet
289Kb / 3P
SLIM INDUCTOR-RoHSHF
SDIA3012 FENGJUI-SDIA3012 Datasheet
201Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4030 FENGJUI-SDIA4030 Datasheet
179Kb / 3P
SLIM INDUCTOR-RoHS
SDIA5020 FENGJUI-SDIA5020 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5040 FENGJUI-SDIA5040 Datasheet
158Kb / 2P
SLIM INDUCTOR-RoHS
SDIA6012 FENGJUI-SDIA6012 Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
TP4225-E FENGJUI-TP4225-E Datasheet
148Kb / 2P
SLIM INDUCTOR-RoHS & HF
TPRH2D14 FENGJUI-TPRH2D14 Datasheet
182Kb / 2P
SLIM INDUCTOR-RoHS
SD5D18 FENGJUI-SD5D18 Datasheet
288Kb / 3P
SLIM INDUCTOR-RoHS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com