Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP0302B Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TP0302B
Description  SMD POWER INDUCTOR-RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TP0302B Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  TP0302B Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TP0302B Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. TP0302B Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. TP0302B Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD. TP0302B Datasheet HTML 5Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1801
TP / TP-B
TYPE
●FEATURE
1.
High current capacity
2.
Large terminal surface for good PCB bonding
●Applications
1.
DC-DC converter or LCD TV and others
●Shape and Dimension
●Schematics and Land Patterns(mm)
●Specification
Dimension in m/m
TYPE
A
B
C
E
d2
F
TP03015B
3.7 Max
3.3 Max
1.5 Max
3.60
1.00
3.50
TP0302B
3.7 Max
3.3 Max
2.1±0.30
3.60
1.00
3.50
TP0403B
4.5±0.30
4.0±0.30
3.2±0.30
4.70
1.30
4.10
TP0502B
5.8±0.30
5.2±0.30
2.0±0.30
6.00
1.30
5.30
TP0504B
5.8±0.30
5.2±0.30
4.5±0.30
6.00
1.30
5.30
TP0703B
7.8±0.30
7.0±0.30
3.5±0.40
8.00
2.10
7.20
TP0705B
7.8±0.30
7.0±0.30
5.0±0.50
8.00
2.10
7.20
TP1004
10.0±0.30
9.0±0.30
4.0±0.50
10.20
2.10
9.20
TP1005
10.0±0.30
9.0±0.30
5.4±0.50
10.20
2.10
9.20
TP1006
10.0±0.30
9.0±0.30
7.5 Max
10.20
2.10
9.20
Note1. Measurement frequency of Inductance value : at 100KHz, 0.25V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. IDC : This indicates the value of current when the inductances is 10% lower than its initial
value at D.C. superimposition (Ta=20℃)
Note4. Inductance tolerance: M: ±20% ; K: ±10%
Note5. Ordering Code: TYPE NAME: TP0504
Main Inductance: 100 (10uH)
Tolerance : M (±20%)
Note6. Packaging: Taping
F


Similar Part No. - TP0302B

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
TP03 CRYDOM-TP03 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Velleman Group nv All r...
TP03 VELLEMAN-TP03 Datasheet
406Kb / 2P
TEMPERATURE PROBE FOR DVM890
3/28/2018
logo
Toppower Electronic Tec...
TP03-04-AB TOPPOWER-TP03-04-AB Datasheet
232Kb / 3P
3W,4W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA Datasheet
241Kb / 4P
3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA Datasheet
705Kb / 4P
3W 3KV Isolation Wide Input AC/DC Converters
More results

Similar Description - TP0302B

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com