Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL320G Datasheet(PDF) 53 Page - SPANSION

Part # AM29DL320G
Description  For new designs involving TSOP packages, S29JL032H supercedes Am29DL320G and is the factory-recommended migration path.
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29DL320G Datasheet(HTML) 53 Page - SPANSION

Back Button AM29DL320G Datasheet HTML 49Page - SPANSION AM29DL320G Datasheet HTML 50Page - SPANSION AM29DL320G Datasheet HTML 51Page - SPANSION AM29DL320G Datasheet HTML 52Page - SPANSION AM29DL320G Datasheet HTML 53Page - SPANSION AM29DL320G Datasheet HTML 54Page - SPANSION AM29DL320G Datasheet HTML 55Page - SPANSION AM29DL320G Datasheet HTML 56Page - SPANSION AM29DL320G Datasheet HTML 57Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
September 27, 2004
Am29DL320G
51
PHYSICAL DIMENSIONS
FBD048—Fine-Pitch Ball Grid Array, 6 x 12 mm
Dwg rev AG; 7/2000
FBD 048
6.00 mm x 12.00 mm
PACKAGE
1.20
0.20
0.84
0.94
12.00 BSC
6.00 BSC
5.60 BSC
4.00 BSC
8
6
48
0.25
0.30
0.35
0.80 BSC
0.40 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com