Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS60 Datasheet(PDF) 1 Page - MotionKing Motor Industry Co.,Ltd.

Part # AS60
Description  AC Servo Motors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

AS60 Datasheet(HTML) 1 Page - MotionKing Motor Industry Co.,Ltd.

  AS60 Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. AS60 Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. AS60 Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AC Servo Motors Catalog
MotionKing (China) Motor Industry Co., Ltd.
www.MotionKing.com
MK1401, Rev.05
AS60 AC Servo Motors
Electrical Specifications:
AS60-30-006E25
AS60-30-013E25
AS60-30-020E25
Rated Power (W)
200
400
600
Rated Voltage (V)
220
220
220
Rated Current (A)
1.5
2.8
3.5
Rated Speed (RPM)
3000
3000
3000
Rated Torque (N.m)
0.63
1.27
1.91
Peak Torque (N.m)
1.91
3.8
5.73
Peak Current (A)
4.5
8.4
10.5
Voltage Constant
(V/1000r/min)
28
28
28
Torque Coefficient
(N.m/A)
0.42
0.5
0.55
Rotor Inertia (Kg.m2)
0.17x10-4
0.3x10-4
0.44x10-4
Resistance (Ω)
11.6
5.8
3.5
Inductance (mH)
22
12
8.47
Electrical Time
Constant (ms)
1.9
2.1
2.4
Weight (Kg)
1.2
1.4
1.8
Encoder Resolution
(PPR)
2500
2500
2500
Body Length (L, mm)
102
122
144


Similar Part No. - AS60

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AS6004 TELEDYNE-AS6004 Datasheet
93Kb / 1P
SMTO-8 CASCADABLE AMPLIFIER
logo
Sciosense B.V.
AS6031 SCIOSENSE-AS6031 Datasheet
2Mb / 206P
SoC for Ultrasonic Flow Meters
v1-00 2020-May-06
AS6031 SCIOSENSE-AS6031 Datasheet
1Mb / 15P
Development Kit User Guide
Rev. 5 2021-10-22
AS6031-BQFM SCIOSENSE-AS6031-BQFM Datasheet
2Mb / 206P
SoC for Ultrasonic Flow Meters
v1-00 2020-May-06
AS6031-QF_DK SCIOSENSE-AS6031-QF_DK Datasheet
1Mb / 15P
Development Kit User Guide
Rev. 5 2021-10-22
More results

Similar Description - AS60

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MSMA PANASONIC-MSMA Datasheet
1Mb / 39P
Minas A Series Digital AC Servo Motors & Drivers
MDMA152 PANASONIC-MDMA152 Datasheet
234Kb / 5P
Minas A Series Digital AC Servo Motors & Drivers
logo
MotionKing Motor Indust...
AS40 MOTIONKING-AS40 Datasheet
187Kb / 2P
AC Servo Motors
AS80 MOTIONKING-AS80 Datasheet
154Kb / 2P
AC Servo Motors
AS90 MOTIONKING-AS90 Datasheet
156Kb / 2P
AC Servo Motors
AS110 MOTIONKING-AS110 Datasheet
166Kb / 3P
AC Servo Motors
AS130 MOTIONKING-AS130 Datasheet
171Kb / 3P
AC Servo Motors
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
AC Servo Motors
AS180 MOTIONKING-AS180 Datasheet
164Kb / 3P
AC Servo Motors
logo
Leadshine Technology Co...
ELVM LEADSHINE-ELVM Datasheet
735Kb / 3P
ELVM Series Servo Motors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com