Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS80 Datasheet(PDF) 1 Page - MotionKing Motor Industry Co.,Ltd.

Part # AS80
Description  AC Servo Motors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

AS80 Datasheet(HTML) 1 Page - MotionKing Motor Industry Co.,Ltd.

  AS80 Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. AS80 Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC Servo Motors Catalog
MotionKing (China) Motor Industry Co., Ltd.
www.MotionKing.com
MK1401, Rev.05
AS80 AC Servo Motors
Electrical Specifications:
AS80-
30-013E25
AS80-
30-024E25
AS80-
20-035E25
AS80-
30-035E25
AS80-
25-040E25
AS80-
30-040E25
Rated Power (KW)
0.4
0.75
0.73
1.0
1.0
1.2
Rated Voltage (V)
220
220
220
220
220
220
Rated Current (A)
2
3.0
3.0
3.0
4.4
5.2
Rated Speed (RPM)
3000
3000
2000
3000
2500
3000
Rated Torque (N.m)
1.27
2.39
3.5
3.5
4.0
4.0
Peak Torque (N.m)
3.8
7.1
10.5
10.5
12
12
Peak Current (A)
6
9.0
9.0
13.5
13.2
16
Voltage Constant
(V/1000r/min)
40
48
71
46
56
46
Torque Coefficient
(N.m/A)
0.64
0.8
1.17
0.78
0.9
0.77
Rotor Inertia
(Kg.m2)
1.05x10-4
1.82x10-4
2.63x10-4
2.63x10-4
2.97x10-4
2.97x10-4
Resistance (Ω)
4.44
2.88
3.65
1.56
1.83
1.33
Inductance (mH)
7.93
6.4
8.8
3.76
4.72
3.27
Electrical Time
Constant (ms)
1.66
2.22
2.4
2.4
2.58
2.46
Weight (Kg)
1.78
2.86
3.7
3.7
3.8
3.8
Encoder Resolution
(PPR)
2500
2500
2500
2500
2500
2500
Body Length (L,
mm)
123
150
178
190


Similar Part No. - AS80

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8002 AMSCO-AS8002 Datasheet
1Mb / 25P
Solar Photovoltaic Inverter Measurement IC with Fast Over Current Detection
logo
Teledyne Technologies I...
AS8002 TELEDYNE-AS8002 Datasheet
144Kb / 2P
SMTO-8 CASCADABLE AS8002 AMPLIFIER
logo
ams AG
AS8002AQFP AMSCO-AS8002AQFP Datasheet
1Mb / 25P
Solar Photovoltaic Inverter Measurement IC with Fast Over Current Detection
logo
Intel Corporation
AS80196CA INTEL-AS80196CA Datasheet
453Kb / 33P
ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
AS80196CB INTEL-AS80196CB Datasheet
453Kb / 33P
ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
More results

Similar Description - AS80

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MSMA PANASONIC-MSMA Datasheet
1Mb / 39P
Minas A Series Digital AC Servo Motors & Drivers
MDMA152 PANASONIC-MDMA152 Datasheet
234Kb / 5P
Minas A Series Digital AC Servo Motors & Drivers
logo
MotionKing Motor Indust...
AS40 MOTIONKING-AS40 Datasheet
187Kb / 2P
AC Servo Motors
AS60 MOTIONKING-AS60 Datasheet
175Kb / 3P
AC Servo Motors
AS90 MOTIONKING-AS90 Datasheet
156Kb / 2P
AC Servo Motors
AS110 MOTIONKING-AS110 Datasheet
166Kb / 3P
AC Servo Motors
AS130 MOTIONKING-AS130 Datasheet
171Kb / 3P
AC Servo Motors
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
AC Servo Motors
AS180 MOTIONKING-AS180 Datasheet
164Kb / 3P
AC Servo Motors
logo
Leadshine Technology Co...
ELVM LEADSHINE-ELVM Datasheet
735Kb / 3P
ELVM Series Servo Motors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com